Electronic Components Datasheet Search
  English  ▼

X  

VRP1-20E2AC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRP1-20E2AC
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP1-20E2AC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRP1-20E2AC Datasheet HTML 1Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 2Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 3Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 4Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 5Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 6Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 7Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 8Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 13.8 Vdc Input
0.591 Vdc - 5.1 Vdc/20 A Output
Apr. 14, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage (continuous)
-0.3
-
15
V
Output Enable Terminal Voltage
-0.3
-
15
V
Ambient Temperature
0
-
70
C
Storage Temperature
-40
-
125
C
Note: Ratings used beyond the maximum ratings may cause a reliability degradation of the converter or may
permanently damage the device.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage
Vo<3.45V
Vo>=3.45V
4.5
1.3*Vo
12
12
13.8
13.8
V
V
Input Current (full load)
-
-
20
A
An input line fuse must always be
used.
Input Current (no load)
-
150
300
mA
Remote Off Input Current
-
50
-
mA
Input Reflected Ripple Current
(pk-pk)
-
50
100
mA
Input Reflected Ripple Current
(rms)
-
20
40
mA
Use a 1000uF AL-Cap on the input.
I
2t Inrush Current Transient
-
-
1
A
2s
Turn-on Voltage Threshold
-
4.2
-
V
Turn-off Voltage Threshold
-
3.9
-
V
A 30.1K resistor is connected from
Enable to Vin.
Note: All specifications are typical at 25
C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point Accuracy
-1.5
-
1.5
%Vo,set
Vin=12V, lout=half load
Load regulation
-
-
1
%Vo,set
Line Regulation
-
-
0.5
%Vo,set
Regulation Over Temperature
(0
C to +70 C)
-
-
1
%Vo,set
Output Current
0
-
20
A
Current Limit Threshold
-
150
-
% Iomax
Output Ripple and Noise (pk-pk)
-
40
80
mV
Output Ripple and Noise (rms)
-
20
40
mV
0-20MHz BW, with a 1µF ceramic
capacitor and a 10uF Tantalum
cap at output.
Short Circuit Surge Transient
-
1
3
A
2s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com