Electronic Components Datasheet Search
  English  ▼

X  

SML30B40 Datasheet(PDF) 2 Page - Seme LAB

Part # SML30B40
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML30B40 Datasheet(HTML) 2 Page - Seme LAB

  SML30B40 Datasheet HTML 1Page - Seme LAB SML30B40 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SML30B40
6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
40
160
1.3
390
6
IS
ISM
VSD
trr
Qrr
(Body Diode)
(Body Diode)
VGS = 0V , IS = – ID [Cont.]
IS = – ID [Cont.] , dls / dt = 100A/µs
IS = – ID [Cont.] , dls / dt = 100A/µs
Continuous Source Current
Pulsed Source Current1
Diode Forward Voltage2
Reverse Recovery Time
Reverse Recovery Charge
A
V
ns
µC
Characteristic
Min.
Typ.
Max. Unit
0.42
40
RθJC
RθJA
Junction to Case
Junction to Ambient
°C/W
SOURCE – DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
µS , Duty Cycle < 2%
3) See MIL–STD–750 Method 3471
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge3
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VGS = 0V
VDS = 25V
f = 1MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 1.6Ω
pF
nC
ns
3970
750
230
145
25
59
12
10
43
7
CAUTION — Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed.
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
BVDSS
IDSS
IGSS
VGS(TH)
ID(ON)
RDS(ON)
VGS = 0V , ID = 250µA
VDS = VDSS
VDS = 0.8VDSS , TC = 125°C
VGS = ±30V , VDS = 0V
VDS = VGS , ID = 1.0mA
VDS > ID(ON) x RDS(ON) Max
VGS = 10V
VGS = 10V , ID = 0.5 ID [Cont.]
Drain – Source Breakdown Voltage
Zero Gate Voltage Drain Current
(VGS = 0V)
Gate – Source Leakage Current
Gate Threshold Voltage
On State Drain Current 2
Drain – Source On State Resistance 2
300
250
1000
±100
24
40
0.085
V
µA
nA
V
A
Ω
STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated)
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com