Electronic Components Datasheet Search
  English  ▼

X  

2N3906S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N3906S
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3906S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N3906S Datasheet HTML 1Page - KEC(Korea Electronics) 2N3906S Datasheet HTML 2Page - KEC(Korea Electronics) 2N3906S Datasheet HTML 3Page - KEC(Korea Electronics) 2N3906S Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2005. 4. 21
2/4
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
)
2N3906S
* Pulse Test : Pulse Width
300 S, Duty Cycle
2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=-30V, VEB=-3V
-
-
-50
nA
Base Cut-off Current
IBL
VCE=-30V, VEB=-3V
-
-
-50
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-40
-
-
V
Collector-Emitter Breakdown Voltage
*
V(BR)CEO
IC=-1mA, IB=0
-40
-
-
V
Emitter-Base Breakdown Voltage
*
V(BR)EBO
IE=-10 A, IC=0
-5.0
-
-
V
DC Current Gain
*
hFE(1)
VCE=-1V, IC=-0.1mA
60
-
-
hFE(2)
VCE=-1V, IC=-1mA
80
-
-
hFE(3)
VCE=-1V, IC=-10mA
100
-
300
hFE(4)
VCE=-1V, IC=-50mA
60
-
-
hFE(5)
VCE=-1V, IC=-100mA
30
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat)1
IC=-10mA, IB=-1mA
-
-
-0.25
V
VCE(sat)2
IC=-50mA, IB=-5mA
-
-
-0.4
Base-Emitter Saturation Voltage
*
VBE(sat)1
IC=-10mA, IB=-1mA
-0.65
-
-0.85
V
VBE(sat)2
IC=-50mA, IB=-5mA
-
-
-0.95
Transition Frequency
fT
VCE=-20V, IC=-10mA, f=100MHz
250
-
-
MHz
Collector Output Capacitance
Cob
VCB=-5V, IE=0, f=1MHz
-
-
4.5
pF
Input Capacitance
Cib
VBE=-0.5V, IC=0, f=1MHz
-
-
10
pF
Input Impedance
hie
VCE=-10V, IC=-1mA, f=1kHz
2.0
-
12
k
Voltage Feedback Ratio
hre
1.0
-
10
x10
-4
Small-Signal Current Gain
hfe
100
-
400
Collector Output Admittance
hoe
3.0
-
60
Noise Figure
NF
VCE=-5V, IC=-0.1mA,
Rg=1k
, f=10Hz
15.7kHz
-
-
4.0
dB
Switching Time
Delay Time
td
Vout
Total 4pF
C
10k
Ω
V
=-3.0V
CC
300ns
-10.6V
0.5V
0
t ,t < 1ns, Du=2%
r
in
V
f
-
-
35
nS
Rise Time
tr
-
-
35
Storage Time
tstg
20
µs
1N916
or equiv.
-10.9V
9.1V
Vout
Total 4pF
C
V
=-3.0V
CC
10k
Ω
Vin
0
t ,t < 1ns, Du=2%
rf
-
-
225
Fall Time
tf
-
-
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com