Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N7002
Description  FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N7002 Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 3Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 11. 17
2/4
2N7002
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
)
ON CHARACTERISTICS (Note 3)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
1.1
1.8
2.3
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=500mA
-
1.2
1.8
VGS=5V, ID=50mA
-
1.5
2.1
Drain-Source ON Voltage
VDS(ON)
VGS=10V, ID=500mA
-
0.6
0.9
V
VGS=5V, ID=50mA
-
0.075
0.105
On State Drain Current
ID(ON)
VGS=10V, VDS= 2 VDS(ON)
500
-
-
mA
Forward Transconductance
gFS
VDS=10V, ID=500mA
200
580
-
mS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=200mA (Note1)
-
0.78
1.15
V
DYNAMIC CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
-
47.1
-
pF
Reverse Transfer Capacitance
Crss
-
3.5
-
Output Capacitance
Coss
-
8.8
-
Switching Time
Turn-On Time
ton
VDD=30V, RL=155 , ID=190mA,
VGS=10V
-
8.8
-
nS
Turn-Off Time
toff
-
14.8
-
OUT
OUTPUT, V
10%
10%
10%
90%
90%
90%
50%
50%
f
t
r
t
IN
INPUT, V
INVERTED
PULSE WIDTH
d(on)
t
d(off)
t
on
t
off
t
SWITCHING TIME TEST CIRCUIT
GS
V
VDD
R L
VOUT
DUT
D
G
S
IN
V
(Note 3) Pulse Test : Pulse Width 80 , Duty Cycle 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com