Electronic Components Datasheet Search
  English  ▼

X  

SCC Datasheet(PDF) 2 Page - HolyStone International

Part # SCC
Description  Safety Capacitors rated to 250Vac
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

SCC Datasheet(HTML) 2 Page - HolyStone International

  SCC Datasheet HTML 1Page - HolyStone International SCC Datasheet HTML 2Page - HolyStone International SCC Datasheet HTML 3Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
W
T
BW
B
L
X: Across The Line (Ex.: SCC1808N151K302T)
Y : Line By Pass
(Ex.: SCC2211X102K502T)
Rated Voltage
AC 250Vrms
Temperature Coefficient
NP0 : < 30ppm/
℃ ,-55~+125℃(EIAClassΙ)
SL: +350~ -1000ppm/
°C -55~+85°C
X7R : <
± 15%
, -55~+125
℃(EIAClassⅡ)
Capacitance Range
See table below
Quality and Dissipation Factor
NP0/SL : Q
≧1000 ;X7R:D.F.≦2.5%
Climatic Category
-55/125/21
Insulation Resistance
10G
Ω
Voltage Proof
X Capacitor : Applied Voltage 1075Vdc(4.3Ur)
Y Capacitor : Applied Voltage 1500Vac
Impulse
Y3 : 2.5KV (Compliant to IEC 60950) ; X2 : 2.5KV / Y2 : 5KV for three times
Ageing
NP0 : 0 % ; SL : 1.5% ; X7R : 1.0 % per decade hr, typical
Y
TYPE
L
W
T (max)
B (min)
BW (min)
1808
4.60
±0.3
[.181
±.012]
2.00
±0.2
[.079
±.008]
2.20
[.087]
2.50
[.098]
0.20
[.008]
1812
4.60
±0.3
[.181
±.012]
3.20
±0.3
[.126
±.012]
2.60
[.102]
2.50
[.098]
0.20
[.008]
2208
5.70
±0.4
[.220
±.016]
2.00
±0.2
[.079
±.008]
2.20
[.087]
4.00
[.157]
0.30
[.012]
2211
5.70
±0.4
[.220
±.016]
2.80
±0.3
[.110
±.012]
3.00
[.118]
4.00
[.157]
0.30
[.012]
2220
5.70
±0.4
[.220
±.016]
5.00
±0.4
[.197
±.016]
3.00
[.118]
4.00
[.157]
0.30
[.012]
2825
6.80
±0.4
[.280
±.016]
6.35
±0.4
[.197
±.016]
4.00
[.157]
4.00
[.157]
0.30
[.012]
 Dimensions
 Application
Example Circuit
 Summary of Specifications
Unit : mm [inches]
Y
Tip & Ring
X
TNV
SELV
2nd
1st
SCC Series - Safety Capacitors
- 10 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com