Electronic Components Datasheet Search
  English  ▼

X  

GD52R090AT Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GD52R090AT
Description  2-Electrode 5.5T6 mm Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GD52R090AT Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GD52R090AT Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GD52R090AT Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GD52R090AT Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GD52R090AT Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd GD52R090AT Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Gas Discharge Tube:
:
:
:GD5 Series
2-Electrode Φ5.5*T6 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Characteristics
DC
Breakdown
Voltage
Max. Impulse
Breakdown Voltage
Impulse
Discharge
Current (8/20µs)
Impulse Life
(10/1000µs)
Normal Alternating
Discharge Current
DC
Holdover
Voltage
100V/s
100V/
µs
1KV/
µs
1
time
10
times
100A
50Hz,
1Sec
Single
9 Cycles
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
1449/
cUL
UL
497B
GD52R070□□
70±20%
700
800
52
√
GD52R075□□
75±20%
700
800
52
√
GD52R090□□
90±20%
600
700
52
√
GD52R120□□
120±15%
600
700
52
√
GD52R130□□
130±15%
600
700
52
√
GD52R145□□
145±15%
600
700
52
√
GD52R150□□
150±15%
600
700
52
√
GD52R180□□
180±15%
600
700
80
√
GD52R230□□
230±15%
600
700
80
√
GD52R250□□
250±15%
600
700
80
√
GD52R300□□
300±15%
700
900
150
√
GD52R350□□
350±15%
700
900
150
√
GD52R400□□
400±15%
800
1000
150
√
GD52R470□□
470±15%
800
1100
150
√
GD52R600□□
600±20%
1300
1500
10
5
300
5
15
150
√
GD52R800□□
800±20%
1500
1700
5
2.5
300
2.5
5
150
√
GD52R10B□□
1000±20%
1600
1800
150
√
GD52R12B□□
1200±20%
1800
2000
150
√
GD52R14B□□
1400±20%
2200
2400
150
√
GD52R16B□□
1600±20%
2400
2600
150
√
GD52R20B□□
2000±20%
2800
3000
150
√
GD52R25B□□
2500±20%
3300
3500
150
√
GD52R30B□□
3000±20%
3800
4000
150
√
GD52R35B□□
3500±20%
4300
4500
150
√
GD52R36B□□
3600±20%
4400
4600
3
1.5
300
2
4
150
1
1
√
Note1: The first □ is the style of lead wire, and the second □ is packaging.
Note2: UL / 497B→ File No. E245070, UL / 1449 3rd→ File No.E314979
Note 3: Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
70-90V
50V
120-400V
100V
470-800V
250V
1000-2000V
500V
2500-4000V
1000V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com