Electronic Components Datasheet Search
  English  ▼

X  

422ELC Datasheet(PDF) 2 Page - Protek Devices

Part # 422ELC
Description  DIGITAL PROCESS DATA LINE PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

422ELC Datasheet(HTML) 2 Page - Protek Devices

  422ELC Datasheet HTML 1Page - Protek Devices 422ELC Datasheet HTML 2Page - Protek Devices 422ELC Datasheet HTML 3Page - Protek Devices 422ELC Datasheet HTML 4Page - Protek Devices 422ELC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05038.R4 12/10
Page 2
422ELC
TyPICAL DEvICE ChARACTERISTICS
MAXIMuM RATINGS @ 25°C unless Otherwise Specified
PARAMETER
SyMBOL
vALuE
uNITS
Peak Operating Line Voltage
V
OP
±12
Volts
Operating Line Current
I
O
200
mA
Transient Voltage
-
20
kV/Wire
Transient Current - 8/20µs waveform
-
10
kA/Wire
Transient Current - 8/20µs waveform
-
40
kA/Wire
Operating Temperature
T
A
-55 to 100
°C
Storage Temperature
T
STG
-55 to 100
°C
Response Time
-
< 1
ns
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
MAXIMuM
CLAMPING
vOLTAGE
(8/20µs)
LINE-LINE
@ 500A
v
C
±vOLTS
MAXIMuM
CLAMPING
vOLTAGE
(8/20µs)
LINE-GND
@ 500A
v
C
±vOLTS
MAXIMuM
LINE
ThROuGhPuT
RESISTANCE
R
OhMS
MAXIMuM
LEAKAGE
CuRRENT
@ 12v
OP
I
D
µA
MAXIMuM
CAPACITANCE
@ 0v, 1Mhz
C
pF
422ELC
30.0
30.0
12
1
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com