Electronic Components Datasheet Search
  English  ▼

X  

SCK08053L Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08053L
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08053L Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  SCK08053L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
4
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax( )
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA
TUV
CQC
SCK13013□
1
3
0.174
√
√
√
√
SCK131R37□
1.3
7
0.070
√
√
√
√
SCK132R56□
2.5
6
0.094
√
√
√
√
√
SCK13045□
4
5
0.132
√
√
√
√
SCK134R74□
4.7
4
0.168
√
√
√
√
SCK13055□
5
5
0.166
√
√
√
√
√
SCK13074□
7
4
0.184
√
√
√
√
SCK13084□
8
4
0.206
√
√
√
√
√
SCK13104□
10
4
0.217
√
√
√
√
√
SCK13124□
12
4
0.230
√
√
√
√
√
SCK13153□
15
3
0.343
√
√
√
√
√
SCK13163□
16
3
0.348
√
√
√
√
√
SCK13183□
18
3
0.365
√
√
√
√
√
SCK13203□
20
3
0.410
3.1
Approx .
18
Approx.
66
-40 ~ +200
√
√
√
√
√
SCK150R78A□
0.7
8
0.051
√
√
√
√
SCK15018□
1
8
0.054
√
√
√
SCK151R38□
1.3
8
0.064
√
√
√
√
√
SCK151R58□
1.5
8
0.068
√
√
√
√
√
SCK15028□
2
8
0.078
√
√
√
√
SCK152R58□
2.5
8
0.086
√
√
√
√
√
SCK15037□
3
7
0.091
√
√
√
√
√
SCK15046□
4
6
0.117
√
√
√
√
√
SCK15056□
5
6
0.121
√
√
√
√
√
SCK15065□
6
5
0.159
√
√
√
√
√
SCK15075□
7
5
0.161
√
√
√
√
√
SCK15085□
8
5
0.165
√
√
√
√
SCK15105□
10
5
0.178
√
√
√
√
√
SCK15125□
12
5
0.185
√
√
√
√
√
SCK15154□
15
4
0.261
√
√
√
√
√
SCK15164□
16
4
0.265
√
√
√
√
√
SCK15184□
18
4
0.273
√
√
√
√
√
SCK15204□
20
4
0.283
√
√
√
√
√
SCK15224□
22
4
0.308
√
√
√
√
SCK15253□
25
3
0.425
√
√
√
√
√
SCK15303□
30
3
0.461
√
√
√
√
√
SCK15333□
33
3
0.484
√
√
√
√
SCK15403□
40
3
0.511
√
√
√
√
√
SCK15473□
47
3
0.517
√
√
√
√
√
SCK15802X□
80
2.5
0.693
√
√
√
√
√
SCK151202□
120
2
1.010
3.6
Approx.
21
Approx.
75
-40 ~ +200
√
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com