Electronic Components Datasheet Search
  English  ▼

X  

SCK08073M Datasheet(PDF) 15 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08073M
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08073M Datasheet(HTML) 15 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK08073M Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK08073M Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
15
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Soldering Recommendation
Wave Soldering Profile
Recommended Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec (max.)
Distance from Thermistor
2 mm (min.)
130±20℃
260℃ Max
Tamb
Cooling
Time
Soldering
Preheating
30~90 sec.
<1 sec.
<10 sec.
Note 1
Note 2
Note 3
Note 1:
(1~3℃)/sec
Note 2:
Approx. 200℃/sec
Note 3:
5℃/sec. (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com