Electronic Components Datasheet Search
  English  ▼

X  

DALC112S1 Datasheet(PDF) 1 Page - Protek Devices

Part # DALC112S1
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DALC112S1 Datasheet(HTML) 1 Page - Protek Devices

  DALC112S1 Datasheet HTML 1Page - Protek Devices DALC112S1 Datasheet HTML 2Page - Protek Devices DALC112S1 Datasheet HTML 3Page - Protek Devices DALC112S1 Datasheet HTML 4Page - Protek Devices DALC112S1 Datasheet HTML 5Page - Protek Devices DALC112S1 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05177.R4 9/10
Page 1
DALC112S1
uLtRA Low CAPACitAnCe SteeRing DioDe ARRAy
DeSCRiPtion
The DALC112S1 is a low capacitance and low leakage steering diode array capable of protecting up to six (6) high
speed data lines. Its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while pro-
tecting the circuit ICs from the damage of severe transients. An extremely low leakage current makes the DALC112S1
suitable for battery powered devices.
The DALC112S1 is available in a SO-8 package. This device meets all the applicable voltage immunity standards,
including IEC 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge).
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• Low Clamping Voltage
• Provides Six Lines of Protection
• Low Leakage Current: <200nA
• Ultra Low Capacitance: 5pF Typical
• RoHS Compliant
• REACH Compliant
MeChAniCAL ChARACteRiStiCS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLiCAtionS
• Ethernet 10/100/1000 Base T
• SMART Phones
• USB & FireWire
• Portable Electronics
Pin ConFiguRAtion
So-8 PACkAge
1
2
4
8
3
5
6
7


Similar Part No. - DALC112S1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Protek Devices
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
logo
STMicroelectronics
DALC112S1RL STMICROELECTRONICS-DALC112S1RL Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Protek Devices
DALC112S1 PROTEC-DALC112S1_07 Datasheet
73Kb / 4P
STEERING DIODE ARRAY
More results

Similar Description - DALC112S1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB208 PROTEC-USB208_12 Datasheet
622Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com