Electronic Components Datasheet Search
  English  ▼

X  

ET720 Datasheet(PDF) 1 Page - Protek Devices

Part # ET720
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ET720 Datasheet(HTML) 1 Page - Protek Devices

  ET720 Datasheet HTML 1Page - Protek Devices ET720 Datasheet HTML 2Page - Protek Devices ET720 Datasheet HTML 3Page - Protek Devices ET720 Datasheet HTML 4Page - Protek Devices ET720 Datasheet HTML 5Page - Protek Devices ET720 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05165.R6 1/11
Page 1
ET720
ulTRa low caPaciTancE sTEERing diodE aRRay
dEscRiPTion
The ET720 is a low capacitance and low leakage steering diode array capable of protecting up to 14 high speed data
lines. Its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while protecting the
circuit ICs from the damage of severe transients. An extremely low leakage current makes the ET720 suitable for bat-
tery powered devices.
The ET720 is available in a SO-16 package. This device meets all the applicable voltage immunity standards, including
IEC 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge).
FEaTuREs
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• Provides 14 Lines of Protection
• Low Leakage Current: < 20nA
• Ultra Low Capacitance: 3pF Typical
• RoHS Compliant
• REACH Compliant
MEchanical chaRacTERisTics
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPlicaTions
• Ethernet 10/100/1000 Base T
• SMART Phones
• Portable Electronics
• FireWire & USB Interfaces
Pin conFiguRaTion
so-16 PackagE
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
V
CC
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
V
I/O
GND


Similar Part No. - ET720

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET720 PROTEC-ET720 Datasheet
145Kb / 4P
STEERING DIODE ARRAY
ET720 PROTEC-ET720 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results

Similar Description - ET720

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB208 PROTEC-USB208_12 Datasheet
622Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com