Electronic Components Datasheet Search
  English  ▼

X  

MAD1107 Datasheet(PDF) 1 Page - Protek Devices

Part # MAD1107
Description  ultra low capacitance multi-line steering diode array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MAD1107 Datasheet(HTML) 1 Page - Protek Devices

  MAD1107 Datasheet HTML 1Page - Protek Devices MAD1107 Datasheet HTML 2Page - Protek Devices MAD1107 Datasheet HTML 3Page - Protek Devices MAD1107 Datasheet HTML 4Page - Protek Devices MAD1107 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05146.R9 11/10
Page 1
MAD Series
ultRA low cAPAcitAnce Multi-line SteeRing DioDe ARRAy
DeScRiPtion
The MAD Series are a low distortion steering diodes. These devices are intended for use in high frequency analog or
digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The MAD
Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage transients
for the protection of sensitive network interface circuits.
This series provides low capacitance, which insures signal integrity up to 900MHz, while complete isolation between
adjacent diodes keeps cross-talk to a minimum. The MAD Series is available in a 14 pin DIP and meets the IEC 61000-
4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 7 to 10 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant
MechAnicAl chARActeRiSticS
• Molded 14 Pin Dual-In-Line (DIP) Package
• Approximate Weight: 1.2 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
APPlicAtionS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports
ciRcuit DiAgRAM
14 Pin DiP PAckAge
I/O PORT
+
GND OR (-)


Similar Part No. - MAD1107

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1107 MICROSEMI-MAD1107 Datasheet
50Kb / 1P
Switching Diode Array
logo
Protek Devices
MAD1107 PROTEC-MAD1107 Datasheet
123Kb / 4P
STEERING DIODE ARRAY
logo
Microsemi Corporation
MAD1107 MICROSEMI-MAD1107 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
logo
Protek Devices
MAD1107 PROTEC-MAD1107 Datasheet
868Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
logo
Microsemi Corporation
MAD1107E3 MICROSEMI-MAD1107E3 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
More results

Similar Description - MAD1107

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MMAD PROTEC-MMAD Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_11 Datasheet
480Kb / 5P
ultra low capacitance multi-line steering diode array
PMAD1108 PROTEC-PMAD1108_10 Datasheet
501Kb / 4P
ultra low capacitance multi-line steering diode array
PMMAD1108 PROTEC-PMMAD1108_11 Datasheet
495Kb / 5P
ultra low capacitance multi-line steering diode array
MAD1108 PROTEC-MAD1108_12 Datasheet
506Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD PROTEC-MMAD_12 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108_12 Datasheet
482Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD PROTEC-PMAD_12 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1108-LF PROTEC-PMAD1108-LF Datasheet
375Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMMAD PROTEC-PMMAD_15 Datasheet
791Kb / 7P
ULTRA LOW CAPACITANCE MULTI - LINE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com