Electronic Components Datasheet Search
  English  ▼

X  

MMAD130 Datasheet(PDF) 5 Page - Protek Devices

Part # MMAD130
Description  ultra low capacitance multi-line steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MMAD130 Datasheet(HTML) 5 Page - Protek Devices

  MMAD130 Datasheet HTML 1Page - Protek Devices MMAD130 Datasheet HTML 2Page - Protek Devices MMAD130 Datasheet HTML 3Page - Protek Devices MMAD130 Datasheet HTML 4Page - Protek Devices MMAD130 Datasheet HTML 5Page - Protek Devices MMAD130 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05136.R11 2/11
Page 5
MMAD Series
tAPe AnD Reel
oRDeRing inFoRMAtion
BASe PARt nuMBeR
(xx = voltage)
leADFRee SuFFiX
tAPe SuFFiX
Qty/Reel
Reel SiZe
tuBe Qty
MMADxxxx
-LF
-T7
1,000
7”
55
MMADxxxx
-LF
-T13
2,500
13”
55
SPeciFicAtionS
Reel DiA.
tAPe
wiDth
A0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
16mm 6.50 ± 0.10 9.5 ± 0.10 2.10 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 16.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 16mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 16mm tape.
5. Bulk product shipped in tubes of 55 pieces per tube.
6. Marking on Part - part number, date code, logo and pin one defined by dot on top of package.
Package outline per document number 06006.R3 10/09
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
Pin 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com