Electronic Components Datasheet Search
  English  ▼

X  

PKFC08C Datasheet(PDF) 2 Page - Protek Devices

Part # PKFC08C
Description  250w encapsulated flip chip tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PKFC08C Datasheet(HTML) 2 Page - Protek Devices

  PKFC08C Datasheet HTML 1Page - Protek Devices PKFC08C Datasheet HTML 2Page - Protek Devices PKFC08C Datasheet HTML 3Page - Protek Devices PKFC08C Datasheet HTML 4Page - Protek Devices PKFC08C Datasheet HTML 5Page - Protek Devices PKFC08C Datasheet HTML 6Page - Protek Devices PKFC08C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05180.R6 7/11
Page 2
PKFC3.3C - PKFC36C
tyPiCal deviCe ChaRaCteRistiCs
MaXiMuM Ratings @ 25°C unless otherwise specified
PaRaMeteR
syMBol
value
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCtRiCal ChaRaCteRistiCs PeR line @ 25°C unless otherwise specified
PaRt
nuMBeR
(note 1)
deviCe
MaRKing
Rated
stand-oFF
voltage
v
wM
volts
MiniMuM
BReaKdown
voltage
@ 1ma
v
(BR)
volts
MaXiMuM
ClaMPing
voltage
(Fig. 2)
@ i
P = 1a
v
C
volts
MaXiMuM
ClaMPing
voltage
(Fig. 2)
@ 8/20µs
v
C @ iPP
MaXiMuM
leaKage
CuRRent
(note 2)
@v
wM
i
d
µa
tyPiCal
CaPaCitanCe
@0v, 1Mhz
C
pF
PKFC3.3C
03
3.3
4.0
7.0
12.5V @ 20A
75*
150
PKFC05C
05
5.0
6.0
11.0
14.7V @ 17A
10**
100
PKFC08C
08
8.0
8.5
13.2
19.2V @ 13A
10***
75
PKFC12C
12
12.0
13.3
19.8
29.7V @ 9A
1
50
PKFC15C
15
15.0
16.7
25.4
35.7V @ 7A
1
40
PKFC24C
24
24.0
26.7
37.2
55.0V @ 5A
1
30
PKFC36C
36
36.0
40.0
70.0
84.0V @ 3A
1
25
notes
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V. ***Maximum leakage current < 200nA @ 5V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com