Electronic Components Datasheet Search
  English  ▼

X  

PLR0502 Datasheet(PDF) 2 Page - Protek Devices

Part # PLR0502
Description  ultra low capacitance steering diode/TVS array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0502 Datasheet(HTML) 2 Page - Protek Devices

  PLR0502_11 Datasheet HTML 1Page - Protek Devices PLR0502_11 Datasheet HTML 2Page - Protek Devices PLR0502_11 Datasheet HTML 3Page - Protek Devices PLR0502_11 Datasheet HTML 4Page - Protek Devices PLR0502_11 Datasheet HTML 5Page - Protek Devices PLR0502_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05245.R5 4/11
Page 2
PLR0502
tyPicaL deVice chaRacteRistics
MaXiMuM Ratings @ 25°c unless otherwise specified
PaRaMeteR
syMBoL
VaLue
units
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Peak Forward Voltage - I
F = 1A, 8/20µs
V
F
1.5
Volts
eLectRicaL chaRacteRistics PeR Line @ 25°c unless otherwise specified
PaRt
nuMBeR
deVice
MaRking
Rated
stand-oFF
VoLtage
V
wM
VoLts
MiniMuM
BReakdown
VoLtage
@1ma
V
(BR)
VoLts
MaXiMuM
cLaMPing
VoLtage
(Fig. 2)
(note 2)
@i
P = 1a
V
c
VoLts
MaXiMuM
cLaMPing
VoLtage
(Fig. 2)
(note 2)
@ 8/20µs
V
c @ iPP
MaXiMuM
Leakage
cuRRent
@V
wM
i
d
µa
MaXiMuM
caPacitance
(Per data Line)
(Fig. 5)
(note 1)
@0V, 1Mhz
c
J(sd)
pF
PLR0502
B5
5.0
6.0
9.8
20.0V @ 10.0A
1
0.6
note
1. As shown in Figure 5, REF 1 is connected to ground, REF 2 is connected to +V
CC and input applies to VCC = 5V, VSIGN = 30mV, F = 1MHz.
2. Measured across pin 1 to pin 4.
FiguRe 1
Peak PuLse PoweR Vs PuLse tiMe
t
d - Pulse duration - µs
200W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com