Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 9Page - Cypress Semiconductor CY4606 Datasheet HTML 10Page - Cypress Semiconductor CY4606 Datasheet HTML 11Page - Cypress Semiconductor CY4606 Datasheet HTML 12Page - Cypress Semiconductor CY4606 Datasheet HTML 13Page - Cypress Semiconductor CY4606 Datasheet HTML 14Page - Cypress Semiconductor CY4606 Datasheet HTML 15Page - Cypress Semiconductor CY4606 Datasheet HTML 16Page - Cypress Semiconductor CY4606 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CY7C65620/CY7C65630
Document Number: 38-08037 Rev. *T
Page 13 of 29
Hub Descriptor
Byte
All Speed
Field Name
Description
0
0x09
bLength
9 bytes
1
0x29
bDescriptorType
HUB descriptor
2
0x04[6]
0x02
bNbrPorts
Number of ports supported, CY7C65630
Number of ports supported, CY7C65620
3,4
0x0089[6]
wHubCharacteristics
b1, b0: Logical power switching mode
00: Ganged power switching (all ports’ power at once).
01: Individual port power switching (Default in CY7C65620/CY7C65630).
b2: Identifies a compound device
0: Hub is not part of a compound device (Default in CY7C65620/CY7C65630).
1: Hub is part of a compound device.
b4, b3: Overcurrent protection mode
00: Global overcurrent protection. The hub reports overcurrent as a
summation of all ports’ current draw, without a breakdown of individual port
overcurrent status.
01: Individual port overcurrent protection. The hub reports overcurrent on a
per-port
basis.
Each
port
has
an
overcurrent
status
(Default
in
CY7C65620/CY7C65630).
1X: No overcurrent protection. This option is allowed only for bus powered
hubs that do not implement overcurrent protection.
b6, b5: TT think time
00: TT requires at most eight FS bit times of inter transaction gap on a full/low-
speed downstream bus (Default in CY7C65620/CY7C65630).
b7: Port indicators supported,
0: Port indicators are not supported on its downstream facing ports and the
SetPortIndicator request has no effect.
1: Port indicators are supported on its downstream facing ports and the
SetPortIndicator request controls the indicators. See Functional Overview and
Supported USB Requests. (Default in CY7C65620/CY7C65630).
b15, b8: Reserved
5
0x32[6]
bPwrOn2PwrGood
Time from when the port is powered to when the power is good on that port.
6
0x28[6]
0xAE[6]
bHubContrCurrent
Maximum current requirement for the hub controller at full speed.
Maximum current requirement for the hub controller at high speed.
7
0x00[6]
bDeviceRemovable
Indicates if the logical port has a removable device attached (0 = removable,
1 = non removable).
8
0xFF[6]
bPortPwrCtrlMask
Required for compatibility with software written for 1.0 compliant devices.
Note
6. This value is configured through the external EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com