Electronic Components Datasheet Search
  English  ▼

X  

SR3.3 Datasheet(PDF) 2 Page - Protek Devices

Part # SR3.3
Description  ultra low capacitance steering diode/TVS array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SR3.3 Datasheet(HTML) 2 Page - Protek Devices

  SR3.3 Datasheet HTML 1Page - Protek Devices SR3.3 Datasheet HTML 2Page - Protek Devices SR3.3 Datasheet HTML 3Page - Protek Devices SR3.3 Datasheet HTML 4Page - Protek Devices SR3.3 Datasheet HTML 5Page - Protek Devices SR3.3 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05167.R8 8/10
Page 2
SR2.8 - SR3.3
tyPical deVice chaRacteRiSticS
MaXiMuM RatingS @ 25°c unless otherwise Specified
PaRaMeteR
SyMBol
Value
unitS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
300
Watts
Forward Surge Rating (1/20s @ 25°C, I
F = 10mA)
V
F
1
Volts
Peak Pulse Current (tp = 8/20µs)
I
PP
30
Amps
electRical chaRacteRiSticS PeR line @ 25°c unless otherwise Specified
PaRt
nuMBeR
deVice
MaRking
Rated
Stand-oFF
Voltage
(note 1)
V
wM
VoltS
MiniMuM
SnaP-Back
Voltage
@ 50ma
V
(SB)
VoltS
MiniMuM
BReakdown
Voltage
(note 1)
@ 2µa
V
(BR)
VoltS
MaXiMuM
claMPing
Voltage
(Fig. 2)
(note 1)
@ i
P = 1a
V
c
VoltS
MaXiMuM
claMPing
Voltage
(Fig. 2)
(note 1)
@ 8/20µs
V
c
VoltS
MaXiMuM
leakage
cuRRent
(note 1)
@ V
wM
i
d
µa
tyPical
caPacitance
(note 2)
0V, 1Mhz
c
j(Sd)
pF
SR2.8
2A
2.8
2.8
3.0
5.0
8.5V @ 5A
1
4.5
SR3.3
3A
3.3
3.3
3.5
7.0
15V @ 10A
1
4.5
noteS
1. From pin 4 to 1.
2. From pin 1 to 3, 1 to 2, 3 to 4, 2 to 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com