Electronic Components Datasheet Search
  English  ▼

X  

TEL50B Datasheet(PDF) 2 Page - Protek Devices

Part # TEL50B
Description  PBX LOW VOLTAGE TELEPHONE PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

TEL50B Datasheet(HTML) 2 Page - Protek Devices

  TEL50B Datasheet HTML 1Page - Protek Devices TEL50B Datasheet HTML 2Page - Protek Devices TEL50B Datasheet HTML 3Page - Protek Devices TEL50B Datasheet HTML 4Page - Protek Devices TEL50B Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05049.R4 12/10
Page 2
TEL50B - TEL50E
TyPiCAL DEViCE CHARACTERisTiCs
MAXiMuM RATiNGs @ 25°C unless Otherwise specified
PARAMETER
syMBOL
VALuE
uNiTs
Peak Operating Line Voltage
V
OP
±50
Volts
Operating Line Current
I
O
200
mA
Transient Voltage
-
10
kV/Wire
Transient Current - 8/20µs waveform
-
10
kA/Wire
Transient Current - 8/20µs waveform
-
40
kA/Protector
Operating Temperature
T
A
-55 to 100
°C
Storage Temperature
T
STG
-55 to 100
°C
Response Time
-
< 1
ns
ELECTRiCAL CHARACTERisTiCs PER LiNE @ 25°C unless Otherwise specified
PART
NuMBER
MAXiMuM
CLAMPiNG
VOLTAGE
(8/20µs)
@ ±500A
V
C
VOLTs
MAXiMuM
LiNE
THROuGHPuT
REsisTANCE
R
OHMs
MAXiMuM
LEAKAGE
CuRRENT
@ ±50V
OP
i
D
µA
MAXiMuM
CAPACiTANCE
@ 0V, 1MHz
C
pF
TEL50B/E
95.0
12
5
800
iNsTALLATiON iNsTRuCTiONs
There are five (5) terminals on both the line and equipment side of the TEL50E - four telcom line terminals and one ground terminal. The ground terminal, as shown
on the label, is connected internally. A single ground connection is sufficient. However, it is recommended that both ground connections be used for a lower imped-
ance path to earth. This connection can be made through the green AC power ground wire or a known earth ground. The ground wire should be #14 stranded wire.
Incoming telcom lines are cut or disconnected from the equipment to insert the TEL50E product. The line side of the terminals are to be connected to outside tele-
phone or telecommunication lines that carry the transient threats into the equipment to be protected. The equipment side of the terminals are to be connected to
the equipment to be protected. The location of the product should be such that these wires are as short as possible. A #18 or 20 gauge wire can be used for these
connections.
The TEL50B requires an edge connector interface for installation. A standard 15 position edge connector can be used. When mounting or wiring the connectors onto
a printed circuit board, be sure that the correct terminals are soldered. The line side of the board connections are finger contacts 2 thru 5. The boards are conformal
coated for limited protection against moisture.
ProTek’s telcom line protector is designed with a short circuit failure mode to give maximum protection. A fuse, PTC, fusible link, or circuit breaker is recommended for
each signal line on the input (line) side of the protector for those applications that require an open circuit failure mode.
Caution: A low DC resistance ground may not be indicative of a good lightning ground. Lightning contains a broad spectrum of frequencies - up to 1 MHz. A low
impedance path to ground at the transient frequencies is necessary. A ground strap is recommended or a #6 AWG stranded wire. For wire lengths over 1.5 meters,
there may be some excessive line to earth potential under severe thunderstorm conditions. For these applications, an additional protector may be necessary at the
equipment interface.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com