Electronic Components Datasheet Search
  English  ▼

X  

BC549 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC549
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC549 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC549 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
BC549/550
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
LOW NOISE AMPLIFIER APPLICATION.
FEATURE
For Complementary with PNP Type BC559/560.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. COLLECTOR
2. BASE
3. EMITTER
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BC549
V(BR)CEO
IC=10mA, IB=0
30
-
-
V
BC550
45
-
-
Collector-Base
Breakdown Voltage
BC549
V(BR)CBO
IC=10 A, IE=0
30
-
-
V
BC550
50
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
15
nA
DC Current Gain
hFE(Note)
IC=2mA, VCE=5V
110
-
800
Base-Emitter Voltage
VBE(ON)
IC=2mA, VCE=5V
0.55
-
0.7
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=5mA
-
-
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=5mA
-
0.9
-
V
Transition Frequency
fT
IC=10mA, VCE=5V, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4.5
pF
Noise Figure
BC549
NF
IC=200 A, VCE=5V
Rg=10k
, f=1kHz
-
-
4.0
dB
BC550
-
-
10
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC549
VCBO
30
V
BC550
50
Collector-Emitter Voltage
BC549
VCEO
30
V
BC550
45
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note : hFE Classification A:110 220, B:200 450, C:420 800


Similar Part No. - BC549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC549 PHILIPS-BC549 Datasheet
44Kb / 8P
NPN general purpose transistors
1999 Apr 22
logo
Semtech Corporation
BC549 SEMTECH-BC549 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC549 SIEMENS-BC549 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC549 FAIRCHILD-BC549 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC549 GE-BC549 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
More results

Similar Description - BC549

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com