Electronic Components Datasheet Search
  English  ▼

X  

BC817 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC817
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC817 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC817_09 Datasheet HTML 1Page - KEC(Korea Electronics) BC817_09 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 2. 19
2/2
BC817
Revision No : 5
0
10
1000
300
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
h
- I
1
0.2
BASE-EMITTER VOLTAGE V
(V)
BE
V
- I
C
COLLECTOR CURRENT I
(mA)
300
1000
0.01
12
345
6
200
400
600
800
I
- V
CBE
0.4
0.6
0.8
1.0
3
10
30
100
300
1000
COMMON EMITTER
V
=1V
CE
FE
C
100
30
10
30
100
300
1000
50
500
COMMON EMITTER
V
=1V
CE
CE(sat)
C
100
30
10
0.03
0.1
0.3
1
3
COMMON EMITTER
I /I =25
C B
CE
V
=5V
COMMON EMITTER
500
100
30
10
30
100
10
1000
300
3
1
COLLECTOR CURRENT I
(mA)
C
C
T
f
- I
300
Ta=25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=100
C
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
25
50
75
100
125
150
175
0
100
300
500
200
400
COMMON EMITTER
Ta=25 C
5
6
7
8
4
3
2
0
I =1mA
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com