Electronic Components Datasheet Search
  English  ▼

X  

F1B2CCI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # F1B2CCI
Description  STACK SILICON DIFFUSED DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

F1B2CCI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  F1B2CCI Datasheet HTML 1Page - KEC(Korea Electronics) F1B2CCI Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
F1B2CCI/CAI
STACK SILICON DIFFUSED DIODE
Revision No : 1
HIGH SPEED RECTIFIER APPLICATION.
FEATURES
Average Output Rectified Current : IO=10A(Tc=101
).
Repetitive Peak Reverse Voltage : VRRM=200V.
Rectifier Stack of Single Phase Center Tap Type.
POLARITY
CC TYPE
CA TYPE
CATHODE COMMON
ANODE COMMON
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. ANODE
CC TYPE
2. CATHODE COM
3. ANODE
1. CATHODE
CA TYPE
2. ANODE COM
3. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage (Note)
VFM
IFM=5A
-
-
1.4
V
Repetitive Peak Reverse Current (Note)
IRRM
VRRM=Rated
-
-
10
A
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A
-
-
400
nS
Thermal Resistance
Rth(j-c)
Junction to Case
-
-
3.5
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak
Reverse Voltage
F1B2CCI
F1B2CAI
VRRM
200
V
Average Output Rectified
Current (Tc=101
) (Fig.)
IO
10
A
Peak One Cycle Surge Forward
Current (Non-Repetitive)
IFSM
60 (50Hz)
A
70 (60Hz)
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-40
150
MAXIMUM RATING (Ta=25
)
13
2
Note : A Value of one cell.
Fig. EXAMPLE OF RECTIFING CIRCUIT
RECTIFIER STACK
I =10A
LOAD
O
13
2


Similar Part No. - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI Datasheet
246Kb / 2P
STACK SILICON DIFFUSED DIODE (HIGH SPEED RECTIFIER)
F1B2CCI KEC-F1B2CCI Datasheet
30Kb / 1P
TO-220IS PACKAGE
logo
Thinki Semiconductor Co...
F1B2CCI THINKISEMI-F1B2CCI Datasheet
627Kb / 2P
10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI_00 Datasheet
30Kb / 1P
TO-220IS PACKAGE
More results

Similar Description - F1B2CCI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CAI KEC-F1B2CAI_15 Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
E30A2CDS KEC-E30A2CDS_15 Datasheet
32Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CPS KEC-E35A2CPS Datasheet
65Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CR KEC-E35A2CR_15 Datasheet
93Kb / 2P
STACK SILICON DIFFUSED DIODE
E35A23VS KEC-E35A23VS_15 Datasheet
52Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A27VBS KEC-E35A27VBS_15 Datasheet
199Kb / 1P
STACK SILICON DIFFUSED DIODE
E65A21VBS KEC-E65A21VBS Datasheet
352Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VR KEC-E35A37VR Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VS KEC-E35A37VS Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com