Electronic Components Datasheet Search
  English  ▼

X  

KBJ4J Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KBJ4J
Description  KBJ(3S) PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KBJ4J Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KBJ4J Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KBJ4J
KBJ4J
22
5
1
2
5
3
4
HOLE
2005. 7. 28
1/1
MARKING SPECIFICATION
KBJ(3S) PACKAGE
Revision No : 0
1. Marking method
Ink Marking
2. Marking
No.
Item
Marking
Description
Polarity
-, +, ~, ~
-
Device Name
KBJ4J
KBJ4J
Lot No.
0~9
Year
0~9 : 2000~2009
01~53
Week
UL
UL Recognized


Similar Part No. - KBJ4J

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4J WTE-KBJ4J Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4J DCCOM-KBJ4J Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4J DAESAN-KBJ4J Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4J BILIN-KBJ4J Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ4J DACHANG-KBJ4J Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
More results

Similar Description - KBJ4J

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
EVALUATION BOARD 3S SKYPER 32PRO
logo
Ferroxcube Internationa...
CP-P11-3S-A FERROXCUBE-CP-P11-3S-A Datasheet
29Kb / 1P
CP-P11-3S-A
CP-P18-3S-A FERROXCUBE-CP-P18-3S-A Datasheet
29Kb / 1P
CP-P18-3S-A
CPP-22-3S FERROXCUBE-CPP-22-3S Datasheet
39Kb / 1P
CPP-P22/13-3S
CPP-P26-3S FERROXCUBE-CPP-P26-3S Datasheet
51Kb / 1P
CPP-P26/16-3S
CPP-P30-3S FERROXCUBE-CPP-P30-3S Datasheet
39Kb / 1P
CPP-P30/19-3S
CPP-P36-3S FERROXCUBE-CPP-P36-3S Datasheet
40Kb / 1P
CPP-P36/22-3S
logo
Cree, Inc
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
XLamp MX-3S LEDs
Rev 6D
logo
Ferroxcube Internationa...
CP-P18-11-3S FERROXCUBE-CP-P18-11-3S Datasheet
81Kb / 2P
CP-P18-11-3S
logo
Adels-Contact
151483 ADELS-151483 Datasheet
120Kb / 2P
160 BU/ 3s
30/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com