Electronic Components Datasheet Search
  English  ▼

X  

KDP620UL Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDP620UL
Description  ULP-12 PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDP620UL Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDP620UL Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2008. 1. 24
1/1
SEMICONDUCTOR
MARKING SPECIFICATION
KDP620UL
ULP-12 PACKAGE
Revision No : 0
1. Marking method
Laser Marking
2. Marking
2
1
P0
No.
Item
Marking
Description
Device Mark
P0
KDP620UL
* Lot No.
0A
2007. 1st Week
[0:1st Character, A:2nd Character]
Note) * Lot No. marking method
** : Meaning (A=1, B=2, C=3, D=4, E=5, F=6, G=7, H=8, I=9, J=0)
Lot No.
Description
Remark
01, 02 ....51, 52
01 : 2006. 1st Week,
02 : 2006. 2nd Week
51 : 2006. 51th Week,
52 : 2006. 52th Week.
Rotation for 4 years :
01...52 : ...2006, 2010, 2014...
0A...5B : ...2007, 2011, 2015...
J1...E2 : ...2008, 2012, 2016...
JA...EB : ...2009, 2013, 2017...
0A, 0B ....5A, 5B**
0A : 2007. 1st Week,
0B : 2007. 2nd Week
5A : 2007. 51th Week,
5B : 2007. 52th Week.
J1, J2 ....E1, E2**
J1 : 2008. 1st Week,
J2 : 2008. 2nd Week
E1 : 2008. 51th Week,
E2 : 2008. 52th Week.
JA, JB ....EA, EB**
JA : 2009. 1st Week,
JB : 2009. 2nd Week
EA : 2009. 51th Week,
EB : 2009. 52th Week.


Similar Part No. - KDP620UL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDP620UL KEC-KDP620UL_15 Datasheet
353Kb / 3P
SILICON EPITAXIAL PIN TYPE DIODE
More results

Similar Description - KDP620UL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04_04 Datasheet
296Kb / 9P
TinyLogic ULP Inverter
logo
KEC(Korea Electronics)
KDP600UL KEC-KDP600UL Datasheet
342Kb / 1P
ULP-8 PACKAGE
KDP621UL KEC-KDP621UL Datasheet
341Kb / 1P
ULP-12 PACKAGE
KDP622UL KEC-KDP622UL Datasheet
29Kb / 1P
ULP-12 PACKAGE
KDP623UL KEC-KDP623UL Datasheet
29Kb / 1P
ULP-12 PACKAGE
KDP626UL KEC-KDP626UL Datasheet
342Kb / 1P
ULP-12 PACKAGE
KDP628UL KEC-KDP628UL Datasheet
29Kb / 1P
ULP-12 PACKAGE
PG05GSUL2_0807 KEC-PG05GSUL2_0807 Datasheet
25Kb / 1P
ULP-2 PACKAGE
logo
ON Semiconductor
NC7SP04 ONSEMI-NC7SP04 Datasheet
635Kb / 11P
ULP Inverter
December 2010 Rev. 1.0.5
NC7SP05 ONSEMI-NC7SP05 Datasheet
383Kb / 11P
TinyLogic ULP Inverter
Revised March 2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com