Electronic Components Datasheet Search
  English  ▼

X  

KDR357 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR357
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR357 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR357 Datasheet HTML 1Page - KEC(Korea Electronics) KDR357 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 9. 7
2/2
KDR357
Revision No : 5
REVERSE VOLTAGE VR (V)
CT - VR
0
0
IR - VR
REVERSE VOLTAGE VR (V)
10
20
30
40
5
10
15
20
25
30
IF - VF
FORWARD VOLTAGE VF (V)
010
15
5
20
30
25
0.1
1.0
10.0
100.0
1,000.0
Ta=125 C
Ta=75 C
Ta=25 C
f=1MHz
Ta=25 C
0
0.1
1
10
0.2
0.3
0.5
0.4
100
Ta=125 C
Ta=25 C
Ta=75 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com