Electronic Components Datasheet Search
  English  ▼

X  

KDR393 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR393
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR393 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR393 Datasheet HTML 1Page - KEC(Korea Electronics) KDR393 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR393
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
Low Voltage High Speed Switching.
FEATURES
・Low Forward Voltage : V
F =0.60V(Max.)
・Low Reverse Current : I
R=5μ
A(Max.)
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
A
B
D
E
1. ANODE 1
2. ANODE 2
3. CATHODE
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
3
2
1
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
R9
Type Name
Marking
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=10mA
-
0.36
-
V
IF=100mA
-
0.51
0.60
Reverse Current
IR
VR=10V
-
-
5
μ
A
Total Capacitance
CT
VR=0V, f=1MHz
-
20
25
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
40
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
0.1
A
Non-repetitive peak surge current
(10mA)
IFSM
1
A
Junction Temperature
Tj
125
℃
Storage Temperature
Tstg
-55~125
℃


Similar Part No. - KDR393

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
SOT-23 PACKAGE
More results

Similar Description - KDR393

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com