Electronic Components Datasheet Search
  English  ▼

X  

CY29946AXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29946AXCT
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946AXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29946AXCT Datasheet HTML 1Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 2Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 3Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 4Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 5Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 6Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 7Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 8Page - Cypress Semiconductor CY29946AXCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 3 of 9
Absolute Maximum Conditions[2]
Maximum Input Voltage Relative to VSS............. VSS – 0.3 V
Maximum Input Voltage Relative to VDD............. VDD + 0.3 V
Storage Temperature ................................ –65
C to +150 C
Operating Temperature............................... –40
C to +85 C
Maximum ESD protection............................................... 2 kV
Maximum Power Supply................................................ 5.5 V
Maximum Input Current ............................................. ±20 mA
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any voltage
higher than the maximum rated voltages to this circuit. For proper
operation, Vin and Vout should be constrained to the range:
VSS < (Vin or Vout) < VDD .
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
DC Electrical Specifications
VDD = VDDC = 3.3 V ± 10% or 2.5 V ± 5%, over the specified temperature range
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIL
Input Low Voltage
VSS
–0.8
V
VIH
Input High Voltage
2.0
–
VDD
V
IIL
Input Low Current[3]
–
–
–100
µA
IIH
Input High Current[3]
–
–
100
µA
VOL
Output Low Voltage[4]
IOL = 20 mA
–
–
0.4
V
VOH
Output High Voltage[4]
IOH = –20 mA, VDD = 3.3 V
2.5
–
–
V
IOH = –20 mA, VDD = 2.5 V
1.8
–
–
IDDQ
Quiescent Supply Current
–
5
7
mA
IDD
Dynamic Supply Current
VDD = 3.3 V, Outputs @ 100 MHz, CL = 30 pF
–
130
–
mA
VDD = 3.3 V, Outputs @ 160 MHz, CL = 30 pF
–
225
–
VDD = 2.5 V, Outputs @ 100 MHz, CL = 30 pF
–
95
–
VDD = 2.5 V, Outputs @ 160 MHz, CL = 30 pF
–
160
–
ZOut
Output Impedance
VDD = 3.3 V
12
15
18
W
VDD = 2.5 V
14
18
22
Cin
Input Capacitance
–
4
–
pF
Notes
2. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is not required.
3. Inputs have pull-up/pull-down resistors that effect input current.
4. Driving series or parallel terminated 50
 (or 50  to VDD/2) transmission lines.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com