Electronic Components Datasheet Search
  English  ▼

X  

CY29948ACT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29948ACT
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948ACT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29948ACT Datasheet HTML 1Page - Cypress Semiconductor CY29948ACT Datasheet HTML 2Page - Cypress Semiconductor CY29948ACT Datasheet HTML 3Page - Cypress Semiconductor CY29948ACT Datasheet HTML 4Page - Cypress Semiconductor CY29948ACT Datasheet HTML 5Page - Cypress Semiconductor CY29948ACT Datasheet HTML 6Page - Cypress Semiconductor CY29948ACT Datasheet HTML 7Page - Cypress Semiconductor CY29948ACT Datasheet HTML 8Page - Cypress Semiconductor CY29948ACT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY29948
2.5 V or 3.3 V, 200-MHz,
1:12 Clock Distribution Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07288 Rev. *E
Revised May 2, 2011
2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
Features
■ 2.5 V or 3.3 V operation
■ 200-MHz clock support
■ LVPECL or LVCMOS/LVTTL clock input
■ LVCMOS-/LVTTL-compatible inputs
■ 12 clock outputs: drive up to 24 clock lines
■ Synchronous Output Enable
■ Output three-state control
■ 150 ps typical output-to-output skew
■ Pin compatible with MPC948, MPC948L, MPC9448
■ Available in Commercial and Industrial temp. range
■ 32-pin TQFP package
Description
The CY29948 is a low-voltage 200-MHz clock distribution buffer
with the capability to select either a differential LVPECL or a
LVCMOS/LVTTL compatible input clock. The two clock sources
can be used to provide for a test clock as well as the primary
system clock. All other control inputs are LVCMOS/LVTTL
compatible. The 12 outputs are LVCMOS or LVTTL compatible
and can drive 50
series or parallel terminated transmission
lines. For series terminated transmission lines, each output can
drive one or two traces giving the device an effective fanout of
1:24. The outputs can also be three-stated via the three-state
input TS#. Low output-to-output skews make the CY29948 an
ideal clock distribution buffer for nested clock trees in the most
demanding of synchronous systems.
The CY29948 also provides a synchronous output enable input
for enabling or disabling the output clocks. Since this input is
internally synchronized to the input clock, potential output
glitching or runt pulse generation is eliminated.
Block Diagram
PECL_CLK
PECL_CLK#
0
1
TCLK
TCLK_SEL
SYNC_OE
TS#
VDD
VDDC
12
Q0-Q11
Pin Configuration
CY29948
VSS
Q4
VDDC
Q5
VSS
Q6
VDDC
Q7
TCLK_SEL
TCLK
PECL_CLK
PECL_CLK#
SYNC_OE
TS#
VDD
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
[+] Feedback


Similar Part No. - CY29948ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29948ACT CYPRESS-CY29948ACT Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948ACT CYPRESS-CY29948ACT Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948ACT CYPRESS-CY29948ACT Datasheet
386Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
More results

Similar Description - CY29948ACT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com