Electronic Components Datasheet Search
  English  ▼

X  

KDV142EL Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV142EL
Description  SILICON EPITAXIAL PIN TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV142EL Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV142EL Datasheet HTML 1Page - KEC(Korea Electronics) KDV142EL Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 8. 10
2/2
KDV142EL
Revision No : 1
REVERSE VOLTAGE VR (V)
I
-
V
RR
I
-
V
FORWARD VOLTAGE VF (V)
FF
FORWARD VOLTAGE VF (V)
0
0.2
0.4
0.6
0.8
0
0.2
0.6
0.4
0.8
1.0
0
10
1
10
2
10
3
10
4
10
5
10
-13
10
-12
10
-1
10
-4
10
-3
10
-2
10
0
10
1
10
2
10
-11
10
10
-12
10
-10
10
-8
10
-6
10
-4
10
-2
020
40
60
0.1
CT
- VR
f=1MHz
f=100MHz
f=100MHz
1.0
10
0.1
1.0
FORWARD CURRENT IF (A)
rs - IF
rP - VF
FORWARD VOLTAGE VR (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com