Electronic Components Datasheet Search
  English  ▼

X  

CYRF6936 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB LP 2.4 GHz Radio SoC Low external component count
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYRF6936 Datasheet HTML 15Page - Cypress Semiconductor CYRF6936 Datasheet HTML 16Page - Cypress Semiconductor CYRF6936 Datasheet HTML 17Page - Cypress Semiconductor CYRF6936 Datasheet HTML 18Page - Cypress Semiconductor CYRF6936 Datasheet HTML 19Page - Cypress Semiconductor CYRF6936 Datasheet HTML 20Page - Cypress Semiconductor CYRF6936 Datasheet HTML 21Page - Cypress Semiconductor CYRF6936 Datasheet HTML 22Page - Cypress Semiconductor CYRF6936 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
CYRF6936
Document #: 38-16015 Rev. *J
Page 19 of 28
Typical Operating Characteristics[22]
Receiver Sensitivity vs. Frequency Offset
-98
-96
-94
-92
-90
-88
-86
-84
-82
-80
-150
-100
-50
0
50
100
150
Crystal Offset (ppm)
Rx Sensitivity vs. Vcc
(1Mbps CER)
-94
-92
-90
-88
-86
-84
-82
-80
2.4
2.6
2.8
3
3.2
3.4
3.6
Vcc
Transmit Power vs. Vcc
(PMU off)
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
2.4
2.6
2.8
3
3.2
3.4
3.6
Vcc
Transmit Power vs. Temperature
(Vcc = 2.7v)
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
020
40
60
Temp (deg C)
Receiver Sensitivity vs Channel
(3.0v, Room Temp)
-95
-93
-91
-89
-87
-85
-83
-81
020
40
60
80
Channel
Carrier to Interferer
(Narrow band, LP modulation)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
-10
-5
0
5
10
Channel Offset (MHz)
RSSI vs. Channel
(Rx signal = -70dBm)
0
2
4
6
8
10
12
14
16
18
0
204060
80
Channel
Typical RSSI Count vs Input Power
0
8
16
24
32
-120
-100
-80
-60
-40
-20
Input Power (dBm)
Transmit Power vs. Channel
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
0
20
406080
Channel
Average RSSI vs. Temperature
(Rx signal = -70dBm)
12
13
14
15
16
17
18
19
020
40
60
Temp (deg C)
PA7
PA6
PA5
PA4
PA7
PA6
PA5
PA4
PA7
PA6
PA5
PA4
LNA ON
LNA OFF
LNA OFF
ATT ON
GFSK
DDR32
8DR64
GFSK
CER
DDR32
8DR32
CER
8DR32
Rx Sensitivity vs. Temperature
(1Mbps CER)
-94
-92
-90
-88
-86
-84
-82
-80
020
40
60
Temp (deg C)
CER
8DR32
Average RSSI vs. Vcc
(Rx signal = -70dBm)
10
11
12
13
14
15
16
17
18
19
20
2.4
2.6
2.8
3
3.2
3.4
3.6
Vcc
Note
22. With LNA on, ATT off, above -2dBm erroneous RSSI values may be read. Cross-checking RSSI with LNA off/on is recommended for accurate readings.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com