Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA48A
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA48A Datasheet HTML 17Page - ATMEL Corporation ATMEGA48A Datasheet HTML 18Page - ATMEL Corporation ATMEGA48A Datasheet HTML 19Page - ATMEL Corporation ATMEGA48A Datasheet HTML 20Page - ATMEL Corporation ATMEGA48A Datasheet HTML 21Page - ATMEL Corporation ATMEGA48A Datasheet HTML 22Page - ATMEL Corporation ATMEGA48A Datasheet HTML 23Page - ATMEL Corporation ATMEGA48A Datasheet HTML 24Page - ATMEL Corporation ATMEGA48A Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
8271CS–AVR–08/10
ATmega48A/48PA/88A/88PA/168A/168PA/328/328P
6.7
ATmega328
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also
Halide free and fully Green.
3. See Figure 28-1 on page 322.
4. Tape & Reel
Speed (MHz)
Power Supply (V)
Ordering Code(2)
Package(1)
Operational Range
20(3)
1.8 - 5.5
ATmega328-AU
ATmega328-AUR(4)
ATmega328-MU
ATmega328-MUR(4)
ATmega328-PU
32A
32A
32M1-A
32M1-A
28P3
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com