Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA324P Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA324P
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324P Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA324P Datasheet HTML 1Page - ATMEL Corporation ATMEGA324P Datasheet HTML 2Page - ATMEL Corporation ATMEGA324P Datasheet HTML 3Page - ATMEL Corporation ATMEGA324P Datasheet HTML 4Page - ATMEL Corporation ATMEGA324P Datasheet HTML 5Page - ATMEL Corporation ATMEGA324P Datasheet HTML 6Page - ATMEL Corporation ATMEGA324P Datasheet HTML 7Page - ATMEL Corporation ATMEGA324P Datasheet HTML 8Page - ATMEL Corporation ATMEGA324P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
8011OS–AVR–07/10
ATmega164P/324P/644P
The ATmega164P/324P/644P provides the following features: 16K/32K/64K bytes of In-System
Programmable Flash with Read-While-Write capabilities, 512B/1K/2K bytes EEPROM,
1K/2K/4K bytes SRAM, 32 general purpose I/O lines, 32 general purpose working registers,
Real Time Counter (RTC), three flexible Timer/Counters with compare modes and PWM, 2
USARTs, a byte oriented 2-wire Serial Interface, a 8-channel, 10-bit ADC with optional differen-
tial input stage with programmable gain, programmable Watchdog Timer with Internal Oscillator,
an SPI serial port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the
On-chip Debug system and programming and six software selectable power saving modes. The
Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt sys-
tem to continue functioning. The Power-down mode saves the register contents but freezes the
Oscillator, disabling all other chip functions until the next interrupt or Hardware Reset. In Power-
save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base
while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all
I/O modules except Asynchronous Timer and ADC, to minimize switching noise during ADC
conversions. In Standby mode, the Crystal/Resonator Oscillator is running while the rest of the
device is sleeping. This allows very fast start-up combined with low power consumption. In
Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue to run.
The device is manufactured using Atmel’s high-density nonvolatile memory technology. The On-
chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial
interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program
running on the AVR core. The boot program can use any interface to download the application
program in the application Flash memory. Software in the Boot Flash section will continue to run
while the Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip,
the Atmel ATmega164P/324P/644P is a powerful microcontroller that provides a highly flexible
and cost effective solution to many embedded control applications.
The ATmega164P/324P/644P AVR is supported with a full suite of program and system devel-
opment tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit
emulators, and evaluation kits.
2.2
Comparison Between ATmega164P, ATmega324P and ATmega644P
Table 2-1.
Differences between ATmega164P and ATmega644P
Device
Flash
EEPROM
RAM
ATmega164P
16 Kbyte
512 Bytes
1 Kbyte
ATmega324P
32 Kbyte
1 Kbyte
2 Kbyte
ATmega644P
64 Kbyte
2 Kbyte
4 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com