Electronic Components Datasheet Search
  English  ▼

X  

SD918 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # SD918
Description  Chip Type 2C918 Geometry 0013 Polarity NPN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SD918 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  SD918 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C918
Geometry 0013
Polarity NPN
Data Sheet No. 2C918
Generic Packaged Parts:
2N918
Chip type 2C918 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N918, 2N918UB, SD918, SD918F, SQ918,
SQ918F
APPLICATIONS: Designed for high fre-
quency oscillator, multiplier and driver
applications.
Features:
• High frequency rating
Top
Al - 15 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
2.7 mils x 2.7 mils
Base
2.7 mils x 2.7 mils
Die Thickness
Chip Area
Top Surface
16 mils x 16 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 3.0 mA, IB = 0
15
---
V dc
BVCBO
IC = 10 µA, IE = 0
30
---
V dc
BVEBO
IE = 10 µA, IC = 0
3.0
---
V dc
ICBO
VCB = 15 V, IE = 0
---
10
nA
hFE
IC = 3.0 mA dc, VCE = 1.0 V
20
---
---
VCE(sat)
IC = 30 mA dc, IB = 3.0 mA
---
0.3
V dc
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - SD918

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
Linear Li-Lon Battery Charger High Accuracy
logo
Bourns Electronic Solut...
SD90ABB BOURNS-SD90ABB Datasheet
686Kb / 2P
Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
SD90ABB BOURNS-SD90ABB Datasheet
974Kb / 7P
SD Series Breaker (Surface Mount Thermal Cutoff Device)
Mar 31, 2015
SD90WBB BOURNS-SD90WBB Datasheet
686Kb / 2P
Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
SD90WBB BOURNS-SD90WBB Datasheet
974Kb / 7P
SD Series Breaker (Surface Mount Thermal Cutoff Device)
Mar 31, 2015
More results

Similar Description - SD918

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2369A SEMICOA-2C2369A Datasheet
30Kb / 1P
Chip Type 2C2369A Geometry 0005 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
Chip Type 2C3866A Geometry 1007 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
Chip Type 2C5109 Geometry 1007 Polarity NPN
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
Chip Type 2C5664 Geometry 9221 Polarity NPN
2N918 SEMICOA-2N918 Datasheet
65Kb / 2P
Type 2N918 Geometry 0013 Polarity NPN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com