Electronic Components Datasheet Search
  English  ▼

X  

KF2N60F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF2N60F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF2N60F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF2N60F Datasheet HTML 1Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 2Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 3Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 4Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 5Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 6Page - KEC(Korea Electronics) KF2N60F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2011. 4. 29
4/7
KF2N60P/F
Revision No : 0
Drain - Source Voltage VDS (V)
Fig9. Safe Operation Area
101
10
1
10-1
100
10
0
10-2
10
2
10
3
Drain - Source Voltage VDS (V)
Fig10. Safe Operation Area
0
0
1.5
0.5
1.0
3.0
3.5
2.5
2.0
75
150
125
50
100
25
(KF2N60P)
C
Junction Temperature Tj ( )
Fig11. ID - Tj
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
10
µs
101
10
1
10-1
100
10
0
10-2
10
2
10
3
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
(KF2N60F)
100
µs
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
78
3
1
5
4
6
2
0
Fig8. Qg- VGS
ID=2A
Fig 7. C - VDS
VDS = 480V
10
µs
Drain - Source Voltage VDS (V)
1
10
100
1000
05
15
25
35
10
20
30
40
Crss
Coss
Ciss
Operation in this
area is limited by RDS(ON)
Operation in this
area is limited by RDS(ON)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com