Electronic Components Datasheet Search
  English  ▼

X  

KF3N50FS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KF3N50FS
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N50FS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KF3N50FS Datasheet HTML 1Page - KEC(Korea Electronics) KF3N50FS Datasheet HTML 2Page - KEC(Korea Electronics) KF3N50FS Datasheet HTML 3Page - KEC(Korea Electronics) KF3N50FS Datasheet HTML 4Page - KEC(Korea Electronics) KF3N50FS Datasheet HTML 5Page - KEC(Korea Electronics) KF3N50FS Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2010. 11. 29
1/2
SEMICONDUCTOR
TECHNICAL DATA
KF3N50FZ/FS
N CHANNEL MOS FIELD
EFFECT TRANSISTOR
Revision No : 0
General Description
This planar stripe MOSFET has better characteristics, such as fast
switching time, fast reverse recovery time, low on resistance, low gate
charge and excellent avalanche characteristics. It is mainly suitable for
electronic ballast and switching mode power supplies.
FEATURES
・VDSS= 500V, ID= 3A
・Drain-Source ON Resistance : RDS(ON)=2.5Ω(Max) @VGS = 10V
・Qg(typ) = 7.50nC
・trr(typ) = 120ns (KF3N50FS)
・trr(typ) = 300ns (KF3N50FZ)
MAXIMUM RATING (Tc=25
℃)
* : Drain Current limited by maximum junction temperature
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
@TC=25℃
ID
3*
A
@TC=100℃
1.8*
Pulsed (Note1)
IDP
7*
Single Pulsed Avalanche Energy
(Note 2)
EAS
110
mJ
Repetitive Avalanche Energy
(Note 1)
EAR
4
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
10
V/ns
Drain Power
Dissipation
Tc=25
℃
PD
25
W
Derate above 25
℃
0.2
W/
℃
Maximum Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Thermal Characteristics
Thermal Resistance, Junction-to-Case
RthJC
5.0
℃/W
Thermal Resistance, Junction-to-
Ambient
RthJA
62.5
℃/W
G
D
S
PIN CONNECTION
TO-220IS (1)
A
A
B
C
C
D
D
E
E
F
G
H
H
1.47 MAX
1.47 MAX
J
K
L
M
L
N
NN
O
Q
R
R
12
3
M
DIM
MILLIMETERS
10.16
0.2
+
_
15.87
0.2
+
_
2.54
0.2
+
_
0.8
0.1
+
_
3.18
0.1
+
_
0.5
0.1
+
_
3.23
0.1
+
_
13.0
0.5
+
_
2.54
0.2
+
_
4.7
0.2
+
_
6.68
0.2
+
_
2.76
0.2
+
_
3.3
0.1
+
_
12.57
0.2
+
_
(KF3N50FZ/FS)


Similar Part No. - KF3N50FS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF3N50FZ KEC-KF3N50FZ Datasheet
73Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50FZ-FS KEC-KF3N50FZ-FS_15 Datasheet
390Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50FZ KEC-KF3N50FZ_17 Datasheet
73Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF3N50FS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com