Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3019
Description  Type 2N3019 Geometry 4500 Polarity NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3019 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3019 Datasheet HTML 1Page - Semicoa Semiconductor 2N3019 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3019
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC= 100 µA
Collector-Emitter Breakdown Voltage
IC= 3
0 m
A
Emitte
r-B
aseBreak
dow
n V
oltage
IE = 100 µA
Collector-Emitter Cutoff Current
VCE = 90 V
Emitter-Base Cutoff Current
VEB = 5 V
ICES
---
10
IEBO
---
10
V(BR)CEO
80
---
V(BR)EBO
7.0
---
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
nA
V(BR)CBO
140
---
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 150 mA, VCE = 10 V
hFE1
100
300
---
IC = 0.1 mA, VCE = 10 V
hFE2
50
200
---
IC = 10 mA, VCE = 10 V (pulse test)
hFE3
90
---
---
IC = 500 mA, VCE = 10 V (pulse test)
hFE4
50
200
---
IC = 1 A, VCE = 10 V (pulse test)
hFE5
15
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.2
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
V dc
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)
---
1.1
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 5 V, f = 1 kHz
Magnitude of Common Emitter Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 200 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
Collecor-Base Time Constant
VCE = 10 V, IC = 10 mA, f = 79.8 MHz
Noise Figure
VCE = 10 V, IC = 100 µA, Rg = 1 kOhm
ps
dB
20
---
CIBO
---
60
pF
pF
rb'CC
---
COBO
---
12
NF
---
4
400
---
|hFE|
5.0
AC hFE
80
400
Switching Characteristics
Symbol
Min
Max
Unit
PulseRes
pon
se
15ns
, 5
0 o
hminp
utpulse
n
s
tON+ tOFF
---
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com