Electronic Components Datasheet Search
  English  ▼

X  

VBSD1-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VBSD1-SIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD1-SIP Datasheet(HTML) 1 Page - CUI INC

  VBSD1-SIP Datasheet HTML 1Page - CUI INC VBSD1-SIP Datasheet HTML 2Page - CUI INC VBSD1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: dc-dc converter
1 of 3
10/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBSD1-SIP Series
features
·isolated 1 W output
·SIP package
·unregulated
·temperature range: -40°C~+85°C
·high efficiency to 80%
·single voltage output
·small footprint
·industry standard pinout
·UL94-V0 package
·no heatsink required
·1K Vdc isolation
·power density 0.85 W/cm
·no external component required
·low cost
OUTPUT
parameter
conditions/description
min
nom
max
units
output power
0.1
1
W
line regulation
for Vin change of 1%
±1.2
%
load regulation
10% to 100% full load
10
15
%
output voltage accuracy
refer to recommended circuit
temperature drift
@ 100% load
0.03
%/°C
output ripple
20MHz Bandwidth
50
75
mVp-p
switching frequency
100% load, nominal input
100
KHz
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
description
Designed to convert fixed
voltages into isolated voltages,
the VBSD1-SIP series is well suit-
ed for providing board-mount
local supplies in a wide range of
applications, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation
MODEL
input voltage
output voltage
output current
efficiency
nominal
range.
max.
max.
min.
(V dc)
(V dc)
(V dc)
(mA)
(mA)
(%)
UL60950-1
VBSD1-S3.3-S3.3-SIP
3.3
3.0~3.6
3.3
300
30
72
NO
VBSD1-S3.3-S5-SIP
3.3
3.0~3.6
5
200
20
73
NO
VBSD1-S5-S3.3-SIP
5
4.5~5.5
3.3
300
30
74
NO
VBSD1-S5-S5-SIP
5
4.5~5.5
5
200
20
78
YES
VBSD1-S5-S9-SIP
5
4.5~5.5
9
111
12
79
YES
VBSD1-S5-S12-SIP
5
4.5~5.5
12
83
9
80
YES
VBSD1-S5-S15-SIP
5
4.5~5.5
15
67
7
78
YES
VBSD1-S12-S3.3-SIP
12
10.8~13.2
3.3
300
30
75
NO
VBSD1-S12-S5-SIP
12
10.8~13.2
5
200
20
78
YES
VBSD1-S12-S9-SIP
12
10.8~13.2
9
111
12
80
YES
VBSD1-S12-S12-SIP
12
10.8~13.2
12
83
9
81
YES
VBSD1-S12-S15-SIP
12
10.8~13.2
15
67
7
79
YES
VBSD1-S15-S3.3-SIP
15
13.5~16.5
3.3
300
30
73
NO
VBSD1-S15-S5-SIP
15
13.5~16.5
5
200
20
74
NO
VBSD1-S15-S9-SIP
15
13.5~16.5
9
111
12
75
NO
VBSD1-S15-S12-SIP
15
13.5~16.5
12
83
9
79
NO
VBSD1-S15-S15-SIP
15
13.5~16.5
15
67
7
79
NO
VBSD1-S24-S3.3-SIP
24
21.6~26.4
5
300
30
76
NO
VBSD1-S24-S5-SIP
24
21.6~26.4
5
200
20
79
YES
VBSD1-S24-S9-SIP
24
21.6~26.4
9
111
12
80
YES
VBSD1-S24-S12-SIP
24
21.6~26.4
12
83
9
81
YES
VBSD1-S24-S15-SIP
24
21.6~26.4
15
67
7
79
YES
VBSD1-S24-S24-SIP
24
21.6~26.4
24
42
4
80
NO
notes: 1.
All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise specified.
2.
Unbalanced load: ±5%


Similar Part No. - VBSD1-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBSD1-S12-S12-DIP CUI-VBSD1-S12-S12-DIP Datasheet
218Kb / 3P
dc-dc converter
VBSD1-S12-S12-DIP CUI-VBSD1-S12-S12-DIP Datasheet
289Kb / 3P
dc-dc converter
VBSD1-S12-S15-DIP CUI-VBSD1-S12-S15-DIP Datasheet
218Kb / 3P
dc-dc converter
VBSD1-S12-S15-DIP CUI-VBSD1-S12-S15-DIP Datasheet
289Kb / 3P
dc-dc converter
VBSD1-S12-S3.3-DIP CUI-VBSD1-S12-S3.3-DIP Datasheet
218Kb / 3P
dc-dc converter
More results

Similar Description - VBSD1-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com