Electronic Components Datasheet Search
  English  ▼

X  

DS2000-3 Datasheet(PDF) 3 Page - Emerson Network Power

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2000-3 Datasheet(HTML) 3 Page - Emerson Network Power

  DS2000-3 Datasheet HTML 1Page - Emerson Network Power DS2000-3 Datasheet HTML 2Page - Emerson Network Power DS2000-3 Datasheet HTML 3Page - Emerson Network Power DS2000-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 06.10.11_52
DS2000-3
3 of 4
Embedded Power for
Business-Critical Continuity
Condition
LED Status
+3V3SB-ON;+12VOUT-OFF;ACPRESENT BlinkingGreen
+3V3SB-ON,+12VOUT-ON
SolidGreen
+12V_OCP,+12V_UVP,+48OVP
BlinkingRed
FAN_FAULT,OTP,3V3OCP/UVP
SolidRed
MechanicalDrawing
295.7 ± 1
(3X) 261.7
Programming Holes
292.1 ± 1
220.1
325.2
40370111360
Handle
EMI Gasket
Laird Technologies (SEA) PTE
S3700-0021-00
EMI Gasket
Laird Technologies (SEA) PTE
S3700-0021-00
(3X) EMI Gasket
Laird Technologies (SEA) PTE
S3700-0021-00
Latch
AIRFLOW DIRECTION
8
99.1 ± 0.8
OUTPUT CONNECTOR
MOLEX 45985-1462
16.3 ± 0.8
220.1
325.2
100.2
72.2
GREEN
WAVE LENGTH: 565
YELLOW
WAVE LENGTH: 590
AC INLET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com