Electronic Components Datasheet Search
  English  ▼

X  

ZX360 Datasheet(PDF) 1 Page - Hirose Electric

Part # ZX360
Description  Next Generation I/F Connector Supporting Micro USB 3.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX360 Datasheet(HTML) 1 Page - Hirose Electric

  ZX360 Datasheet HTML 1Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications herein are subject to change without notice. Contact Hirose for latest specifications, drawings or availabilities.
Issued: May 21, 2010
ITS-P-09013Q
ZX360 Series
Next Generation I/F Connector
Supporting Micro USB 3.0
♦ Features
♦ Varieties
1. Micro USB 3.0 compliant interface connector
2. Mating compatibility with Micro USB 2.0
3. High speed transmission capability up to 5 Gbps
4. Highly developed I/F connector reflecting Hirose’s abundant
design experience and technology capability.
5. RoHS compliant, Halogen free product*
*This product satisfies halogen free requirements defined as 900 ppm maximum chlorine,
900 ppm maximum bromine, and 1500 ppm maximum total of chlorine and bromine.
12.85
2.5
5
Receptacle
Plug
Type
Type--B
B
Type
Type--B
B
Type
Type--AB
AB (Under Planning)
Type
Type--A
A (Under Planning)
USB 3.0 Transmission
Super Speed 5.0 Gbps
USB 2.0 + Power Charge
Hi-Speed 480 Mbps
♦ Basic Structure


Similar Part No. - ZX360

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX360-B-10S-UNIT HIROSE-ZX360-B-10S-UNIT Datasheet
226Kb / 1P
None
ZX360D-B-10P HIROSE-ZX360D-B-10P Datasheet
180Kb / 2P
RECOMMENDED PANEL CUTOUT PCB LAYOUT FOR REFERENCE
More results

Similar Description - ZX360

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
GENESYS LOGIC
GL819 GENESYS-GL819 Datasheet
717Kb / 34P
USB 2.0 Generation 3 Multi-I/F Card Reader Controller
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
logo
Qualtek Electronics Cor...
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Taoglas antenna solutio...
MA1060ALBCT001 TAOGLAS-MA1060ALBCT001 Datasheet
3Mb / 40P
Raptor I MA1060 Sharkfin 4in1 Next Generation
logo
Coolgear Inc.
51220179 COOLGEAR-51220179 Datasheet
672Kb / 1P
MICRO USB 3.0 CABLE
Rev B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com