Electronic Components Datasheet Search
  English  ▼

X  

LT3743 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3743
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 3 Page - Linear Technology

  LT3743 Datasheet HTML 1Page - Linear Technology LT3743 Datasheet HTML 2Page - Linear Technology LT3743 Datasheet HTML 3Page - Linear Technology LT3743 Datasheet HTML 4Page - Linear Technology LT3743 Datasheet HTML 5Page - Linear Technology LT3743 Datasheet HTML 6Page - Linear Technology LT3743 Datasheet HTML 7Page - Linear Technology LT3743 Datasheet HTML 8Page - Linear Technology LT3743 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3743
3
3743fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 5V, VSYNC = 0V, VCTRL_SEL = 0V, VPWM = 2V, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
636
V
VIN Pin Quiescent Current (Note 3)
Non-Switching Operation
Shutdown Mode
VPWM = VCTRL_SEL = 0V, Not Switching, RT = 40k
VEN/UVLO = 0V
l
1.8
0.1
2.5
1
mA
μA
EN/UVLO Pin Falling Threshold
1.49
1.55
1.61
V
EN/UVLO Hysteresis
130
mV
EN/UVLO Pin Current
VIN = 6V, EN/UVLO = 1.45V
5.5
μA
PWM Pin Threshold
1.0
V
CTRL_SEL Threshold
1.0
V
SYNC Pin Threshold
1.0
V
CTRL_H and CTRL_L Pin Control Range
0
1.5
V
CTRL_H and CTRL_L Pin Current
100
nA
Reference
Reference Voltage (VREF Pin)
l
1.96
2
2.04
V
Inductor Current Sensing
Full Range SENSE+ to SENSE–
VCTRL_H = 1.5V, VSENSE– = 6V
l
48
51
54
mV
SENSE+ Pin Current
VSENSE+ = VSENSE– = 6V
50
nA
SENSE– Pin Current
VSENSE+ = VSENSE– = 6V
10
μA
Internal VCC Regulator (VCC_INT Pin)
Regulation Voltage
l
4.7
5
5.2
V
NMOS FET Driver (Note 2)
Non-Overlap time HG to LG
100
ns
Non-Overlap time LG to HG
60
ns
Minimum On-Time LG
(Note 3)
50
ns
Minimum On-Time HG
(Note 3)
80
ns
Minimum Off-Time LG
(Note 3)
60
ns
High Side Driver Switch On-Resistance
Gate Pull Up
Gate Pull Down
VCBOOT – VSW = 5V
2.3
1.3
Ω
Ω
Low Side Driver Switch On-Resistance
Gate Pull Up
Gate Pull Down
VCC_INT = 5V
2.5
1.3
Ω
Ω
Switching Frequency
fSW
RT = 40kΩ
RT = 200kΩ
l
900
190
1000
200
1070
233
kHz
kHz
Soft-Start
Charging Current
5.5
μA
Voltage Regulation Amplifier
Input Bias Current
1nA
gm
200
μA/V
Feedback Regulation Voltage
VCTRL_H = 0V, VCTRL_L = 2V, VSENSE+ = 2V,
ISENSE– = 14μA
l
0.945
1
1.025
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com