Electronic Components Datasheet Search
  English  ▼

X  

FA5613N Datasheet(PDF) 21 Page - Fuji Electric

Part # FA5613N
Description  FUJI Power Supply Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5613N Datasheet(HTML) 21 Page - Fuji Electric

Back Button FA5613N Datasheet HTML 17Page - Fuji Electric FA5613N Datasheet HTML 18Page - Fuji Electric FA5613N Datasheet HTML 19Page - Fuji Electric FA5613N Datasheet HTML 20Page - Fuji Electric FA5613N Datasheet HTML 21Page - Fuji Electric FA5613N Datasheet HTML 22Page - Fuji Electric FA5613N Datasheet HTML 23Page - Fuji Electric FA5613N Datasheet HTML 24Page - Fuji Electric FA5613N Datasheet HTML 25Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
.0.08AN-049J Rev.1.0
AN-054E Rev.1.2
Apr.-2011
21
FA5612, FA5613
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Besides, Soft start function is realized by slowing a voltage rise of COMP pin
with adjustment of capacitance connected between COMP and GND.
When starting, VCMP voltage rises and a switching operation starts at 0.5 V.
At this time, MOSFET ON width increases gradually in proportion to the COMP
voltage rise. The soft start time is adjustable with adjustment with changing
capacitors C4 and C5.
Increasing C4, C5 capacitance → prolongs soft start time
Decreasing C4, C5 capacitance → shortens soft start time
(3) Terminal No.3 (VDET pin)
Function
(i) Input voltage detection (multiplier input)
Application
(i) Input voltage setting for VDET pin
Multiplier generates current reference signal. Its VDET pin (pin 3) receives
sinusoidal full-waveform rectified waveforms. Considering the dynamic range of
multiplier operation, VDET pin peak value would be used within 0.65 to 2.4 V.
Therefore, set R6 and R7 in Fig. 17 so that the peak voltage of sinusoidal
waveforms at VDET pin will be between 0.65 and 2.4 V with the entire range of
AC input voltage.
Recommended dividing ratio: R6:R7 = 160:1
Caution:
Because multiplier has dispersions of characteristics, even if VDET pin voltage
is 2.4 V or lower, multiplier might be saturated and the input peak current would
slightly be truncated like trapezoidal waves.
(4) Terminal No.4 (IS pin)
Functions
(i) Inductor current detection
(ii) Turn off OUT output upon detecting an overcurrent
Applications
(i) Via IS pin, inductor current signal is applied to current error amplifier
(CUR_AMP) that constitutes a current loop for making the input current follow
sinusoidal waveforms. CUR_AMP that is connected with multiplier output
receives current reference signal. IS pin is current input terminal, and receives a
potential of 0 to -0.4 V with respect to GND level.
(ii) When IS pin voltage is lower than IS threshold voltage, comparator output
signal is inverted to turn off OUT output.
▪ Supplement
When MOSFET turns on, MOSFET gate drive current and surge current are
generated by discharge of stray capacitance, and then those currents flow to
current detecting resistance Rs. An excessively large surge current may cause
an erratic operation to disturb the input current waveform. Depending on the
surge current intensity, timing, etc., pulse shoots may mix with turn-on parts of
IC's OUT pulses. So, RC filter shown in Fig. 18 is connected in generally.
Since the level is determined by resistive division as shown in Fig. 18, 100 Ω or
lower is recommended for input resistance R4.
Rated voltage at IS pin for input of inductor current signal is -5 V.
In case of a general boost circuit, a rush current flows for charging the output
smoothing capacitance C2 the instant an AC input voltage has been connected.
This current may be considerably greater than at a steady operation.
As a result, IS pin may receive a voltage that is far higher than usual. Even if
such AC voltage is connected, IS pin must not be exposed to a potential higher
than -5 V that is an absolute maximum rated voltage.
There may be the case that a voltage higher than the rated is applied to IS pin.
In such case, it needs to use a preventive circuit for suppression of a rush
current or to add the Zener diode to IS pin as shown in Fig. 19.
Fig.19 IS pin circuit (2)
L1
D1
Q1
Rs
7
4
IS
GND
ZD
R4
C6
FA5610
C2
4
L1
D1
C1
Q1
C2
IS
Rs
C6
R4
12kΩ
28kΩ
5V
IL
Detector
Fig.18 IS pin circuit
Fig.17 VDET terminal circuit
3
C1
R6
R7
C6
VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com