Electronic Components Datasheet Search
  English  ▼

X  

2N3735 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3735
Description  Type 2N3735 Geometry TBD Polarity NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3735 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3735 Datasheet HTML 1Page - Semicoa Semiconductor 2N3735 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3735
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 mA
Collector-Emitter Breakdown Voltage
IC = 10 µA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Base Cutoff Current
VCB = 30 V
Emitter-Base Cutoff Current
VEB = 4.0 V
Collector-Emitter Cutoff Current
VCE = 30 V, VEB = 2.0 V
ICEX1
---
200
nA
VCB = 30 V, VEB = 2.0 V, TA = +150
oC
ICEX2
---
250
µA
---
IEBO1
---
100
V(BR)CEO
75
---
V(BR)EBO
5.0
---
ICBO1
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
40
---
250
nA
nA
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 10 mA, VCE = 1.0 V
hFE1
30
---
---
IC = 150 mA, VCE = 1.0 V (pulse test)
hFE2
40
---
---
IC = 500 mA, VCE = 1.0 V (pulse test)
hFE3
40
140
---
IC = 1.0 A, VCE = 1.5 V (pulse test)
hFE4
20
80
---
IC = 1.5 A, VCE = 5.0 V (pulse test)
hFE5
20
---
---
IC = 500 mA, VCE = 1.0 V (pulsed), TA = +150
oC
hFE6
15
---
---
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VCE(sat)1
---
0.2
V dc
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)2
---
0.3
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)3
---
0.9
V dc
IC = 1.0 A, IB = 100 mA (pulse test)
VCE(sat)4
---
0.30
V dc
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VBE(sat)1
---
0.8
V dc
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)2
---
1.0
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)3
---
1.2
V dc
IC = 1.0 A, IB = 100 mA (pulse test)
VBE(sat)4
0.9
1.4
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 50 mA, VCE = 10 V, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
Delay Time
V
CC = 30 V, VBE = 2 V, IC = 1 A, IB1 = 100 mA
Rise Time
V
CC = 30 V, VBE = 2 V, IC = 1 A, IB1 = 100 mA
Turn-off Time
VCC = 30 V, VBE = 2 V, IC = 1 A, IB1 = IB2 = 100 mA
---
80
ns
toff
---
60
ns
tr
---
40
td
pF
---
8.0
ns
pF
COBO
---
9.0
CIBO
|hFE|
2.5
6.0
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com