Electronic Components Datasheet Search
  English  ▼

X  

SPC7011F Datasheet(PDF) 9 Page - Fuji Electric

Part # SPC7011F
Description  Fuji Switching Power Supply Control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SPC7011F Datasheet(HTML) 9 Page - Fuji Electric

Back Button SPC7011F Datasheet HTML 5Page - Fuji Electric SPC7011F Datasheet HTML 6Page - Fuji Electric SPC7011F Datasheet HTML 7Page - Fuji Electric SPC7011F Datasheet HTML 8Page - Fuji Electric SPC7011F Datasheet HTML 9Page - Fuji Electric SPC7011F Datasheet HTML 10Page - Fuji Electric SPC7011F Datasheet HTML 11Page - Fuji Electric SPC7011F Datasheet HTML 12Page - Fuji Electric SPC7011F Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN-073E Rev.1.1
April-2011
9
FA5695
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
7. Characteristics curves
(Unless otherwise specified, Ta=25°C and Vcc=12V)
エラーアンプ入力スレッシュ電圧(Vfb) vs
電源電圧(VCC)
2.47
2.48
2.49
2.50
2.51
2.52
2.53
10
15
20
25
30
VCC [V]
エラーアンプ入力スレッシュ電圧(Vfb) vs
ジャンクション温度(Tj)
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
0
50
100
150
Tj [℃]
エラーアンプ相互コンダクタンス(Gm) vs.
ジャンクション温度(Tj)
50
60
70
80
90
100
-50
0
50
100
150
Tj [℃]
ISスレシュ電圧(Vthish) vs.
ジャンクション温度(Tj)
-620
-610
-600
-590
-580
-50
0
50
100
150
Tj [℃]
0
10
20
30
40
50
60
10
30
50
70
90
110
130
150
Rrt[kΩ]
after soft start
at soft start
Error amplifier voltage feedback input
threshold(Vfb) vs. supply voltage(Vcc)
Error amplifier voltage feedback input
threshold(Vfb) vs. junction temperature(Tj)
Error amplifier transconductance(Gm) vs.
junction temperature(Tj)
Current sense comparator maximum
threshold(Vthis) vs. supply voltage(Vcc)
Maximum on-range(Tonmax) vs.
RT resistance(Rrt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com