Electronic Components Datasheet Search
  English  ▼

X  

FA7701V Datasheet(PDF) 7 Page - Fuji Electric

Part # FA7701V
Description  FUJI Power Supply Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7701V Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA7701V Datasheet HTML 3Page - Fuji Electric FA7701V Datasheet HTML 4Page - Fuji Electric FA7701V Datasheet HTML 5Page - Fuji Electric FA7701V Datasheet HTML 6Page - Fuji Electric FA7701V Datasheet HTML 7Page - Fuji Electric FA7701V Datasheet HTML 8Page - Fuji Electric FA7701V Datasheet HTML 9Page - Fuji Electric FA7701V Datasheet HTML 10Page - Fuji Electric FA7701V Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
                                                       
7
Quality is our message
Quality is our message
Quality is our message
Quality is our message
(3) Electrical characteristics
(Unless otherwise standard, Ta=25
℃,Vcc=6V,RT=22kΩ)
(1)Internal Bias Section (REF terminal voltage)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Output Voltage
VREF
REF terminal source current
IREF = 0mA
2.16
2.23
2.30
V
Line Regulation
VLINE
Vcc = 2.5 to 20V,IREF = 0mA
±2
±14
mV
Load Regulation
VLOAD
IREF = 0 to 2mA
±2
±12
mV
VTC1
Ta = -30 to 25
℃±0.3
%
Variation
with temperature
VTC2
Ta = 25 to 85
℃±0.3
%
(2)Oscillator Section (Frequency set by RT terminal )
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Oscillation
frequency
fosc
RT = 22k
Ω
155
185
215
kHz
Line Regulation
fLINE
Vcc = 2.5 to 20V
±0.1
%
fTC1
Ta = -30 to 25
℃, 50k to 1MHz
±2
%
Variation
with temperature
fTC2
Ta = 25 to 85
℃, 50k to 1MHz
±3
%
(3)Error Amplifier Section (IN- terminal , FB terminal
)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Reference Voltage
VB
IN- terminal, FB terminal
:shorted (Voltage Follower)
0.863
0.880
0.897
V
Input current
IIN-
-500
+500
nA
“VB”
Line Regulation
VBLINE
Vcc = 2.5 to 20V
±1
±5
mV
VBTC1
Ta = -30 to 25
℃±0.3
%
“VB” variation
with temperature
VBTC2
Ta = 25 to 85
℃±0.3
%
Open Loop Gain
AVO
70
dB
Unity Gain
Bandwidth
fT
1.5
MHz
Source
IOHE
FB terminal = VREF- 0.5V
-220
-160
-100
μA
Output
Current
Sink
IOLE
FB terminal = 0.5V
3
6
12
mA
(4)Pulse Width Modulation (PWM) Section (FB terminal voltage and Duty Cycle)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Units
FB 0% threshold
VFB0
Duty Cycle = 0%
0.560
0.660
0.760
V
FB 50% threshold
VFB50
Duty Cycle = 50%
0.880
V
DMAX1
RT = 100k
Ω,f≒ 50kHz
85
90
95
%
DMAX2
RT = 22k
Ω,f≒185kHz
83
88
93
%
FA7700
DMAX3
RT = 3k
Ω,f≒1MHz
80
86
92
%
Maximum
Duty
Cycle
FA7701
DMAX
100
%
(5)Under Voltage Lock-Out Section (VCC terminal voltage)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Units
ON threshold
VCCON
2.07
2.30
V
OFF threshold
VCCOF
1.60
1.93
V
Hysteresis Voltage
VCCHY
0.04
0.14
0.24
V
Ta = -30 to 25
℃+0.2
mV/
℃
Variation with
temperature
VCCHY
Ta = 25 to 85
℃−0.2
mV/
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com