Electronic Components Datasheet Search
  English  ▼

X  

PD4M441L Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD4M441L
Description  30A 450~500V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD4M441L Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD4M441L Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD4M441L Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD4M441L Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
30A
30A
30A
30A 450
450
450
450~
~
~
~
500V
500V
500V
500V
PD4M441L
PD4M440L
P2H4M441L
P2H4M440L
耐 圧・クラス
Grade
項
目
Rating
記 号
Symbol
PD4M441L/P2H4M441L PD4M440L/P2H4M440L
単位
Unit
450
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
30(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
21(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
60(Tc=25℃)
A
全損失
Total Power Dissipation
PD
230(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base, AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PD4M441L/440L
PD4M441L/440L
PD4M441L/440L
PD4M441L/440L
P2H4M441L/440L
P2H4M441L/440L
P2H4M441L/440L
P2H4M441L/440L
質量 Approximate Weight :220g
質量 Approximate Weight :220g
■最大定格
最大定格
最大定格
最大定格
Maximum Ratings
108.0
108.0


Similar Part No. - PD4M441L

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD4M441L NIEC-PD4M441L Datasheet
130Kb / 4P
MOSFET MODULE Dual 30A 450V/500V
logo
Kyocera Kinseki Corpota...
PD4M441L KSS-PD4M441L Datasheet
478Kb / 3P
MOSFET
More results

Similar Description - PD4M441L

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
MOSFET MODULE Dual 30A 450/500V
logo
IXYS Corporation
IXTH12N45 IXYS-IXTH12N45 Datasheet
65Kb / 1P
12 AMPS, 450-500V, 0.4OM/0.5OM
logo
Nihon Inter Electronics...
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
MOSFET MODULE Dual 30A 450V/500V
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
MOSFET 30A 450~500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
85A 450~500V
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
70A 450~500V
logo
National Instruments Co...
PD4M440H NI-PD4M440H_15 Datasheet
117Kb / 3P
30A 450節?00V
PD4M440L NI-PD4M440L_15 Datasheet
119Kb / 3P
30A 450節?00V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com