Electronic Components Datasheet Search
  English  ▼

X  

PIC24F08KA101 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC24F08KA101
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC24F08KA101 Datasheet HTML 4Page - Microchip Technology PIC24F08KA101 Datasheet HTML 5Page - Microchip Technology PIC24F08KA101 Datasheet HTML 6Page - Microchip Technology PIC24F08KA101 Datasheet HTML 7Page - Microchip Technology PIC24F08KA101 Datasheet HTML 8Page - Microchip Technology PIC24F08KA101 Datasheet HTML 9Page - Microchip Technology PIC24F08KA101 Datasheet HTML 10Page - Microchip Technology PIC24F08KA101 Datasheet HTML 11Page - Microchip Technology PIC24F08KA101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 8
Advance Information
© 2008 Microchip Technology Inc.
3.3
Entering ICSP Mode
3.3.1
LOW-VOLTAGE ICSP ENTRY
As illustrated in Figure 3-4, the following processes are
involved in entering ICSP Program/Verify mode using
MCLR:
1.
MCLR is briefly driven high, then low.
2.
A 32-bit key sequence is clocked into PGDx.
3.
MCLR is then driven high within a specified
period of time and held.
The programming voltage VIH IS applied to MCLR; this
is VDD in the case of PIC24FXXKAXXX devices. There
is no minimum time requirement for holding at VIH.
After VIH is removed, an interval of at least P18 must
elapse before presenting the key sequence on PGDx.
The key sequence is a specific 32-bit pattern:
‘0100 1101
0100
0011
0100
1000
0101
0001
‘ (more easily remembered as 4D434851h in
hexadecimal). The device will enter Program/Verify
mode only if the sequence is valid. The Most Significant
bit (MSb) of the most significant nibble must be shifted in
first.
Once the key sequence is complete, VIH must be
applied to MCLR and held at that level for as long as
the Program/Verify mode is to be maintained. An
interval of at least P19 and P7 must elapse before
presenting data on PGDx. Signals appearing on PGCx
before P7 has elapsed would not be interpreted as
valid.
3.3.2
HIGH-VOLTAGE ICSP ENTRY
Entering the ICSP Program/Verify mode, using the VPP
pin is the same as entering the mode using MCLR. The
only difference is the programming voltage applied to
VPP is VIHH, and before presenting the key sequence
on PGDx, an interval of at least P18 should elapse (see
Figure 3-5).
Once the key sequence is complete, an interval of at
least P7 should elapse, and the voltage should remain
at VIHH. The voltage, VIHH, must be held at that level for
as long as the Program/Verify mode is to be main-
tained. An interval of at least P7 must elapse before
presenting the data on PGDx.
Signals appearing on PGDx before P7 has elapsed will
not be interpreted as valid.
Upon a successful entry, the program memory can be
accessed and programmed in serial fashion. While in
ICSP mode, all unused I/Os are placed in a
high-impedance state.
FIGURE 3-4:
ENTERING ICSP™ MODE USING LOW-VOLTAGE ENTRY
FIGURE 3-5:
ENTERING ICSP™ MODE USING HIGH-VOLTAGE ENTRY
MCLR
PGDx
PGCx
VDD
P6
P14
b31
b30
b29
b28
b27
b2
b1
b0
b3
...
Program/Verify Entry Code = 4D434851h
P1A
P1B
P18
P19
01
00
0
0
P7
VIH
VIH
1
0
1
VPP
PGDx
PGCx
VDD
P6
b31
b30
b29
b28
b27
b2
b1
b0
b3
...
Program/Verify Entry Code = 4D434851h
P1A
P1B
P18
01
00
0
0
1
0
1
VIHH
VIH
P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com