Electronic Components Datasheet Search
  English  ▼

X  

PIC24F16KA102 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24F16KA102
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24F16KA102 Datasheet HTML 1Page - Microchip Technology PIC24F16KA102 Datasheet HTML 2Page - Microchip Technology PIC24F16KA102 Datasheet HTML 3Page - Microchip Technology PIC24F16KA102 Datasheet HTML 4Page - Microchip Technology PIC24F16KA102 Datasheet HTML 5Page - Microchip Technology PIC24F16KA102 Datasheet HTML 6Page - Microchip Technology PIC24F16KA102 Datasheet HTML 7Page - Microchip Technology PIC24F16KA102 Datasheet HTML 8Page - Microchip Technology PIC24F16KA102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 1
PIC24FXXKAXXX
1.0
DEVICE OVERVIEW
This document defines the programming specifications
for the PIC24FXXKAXXX family of 16-bit micro-
controller devices. This is required only for developing
programming support for the PIC24FXXKAXXX family.
Users of any one of these devices should use the
development tools that are already supporting the
device programming.
The programming specifications are specific to the
following devices:
• PIC24F08KA101
• PIC24F16KA101
• PIC24F08KA102
• PIC24F16KA102
• PIC24F04KA200
• PIC24F04KA201
2.0
PROGRAMMING OVERVIEW
OF THE PIC24FXXKAXXX
FAMILY
This
section
describes
the
two
methods
of
programming the PIC24FXXKAXXX family of devices:
• In-Circuit Serial Programming™ (ICSP™)
• Enhanced In-Circuit Serial Programming
(Enhanced ICSP)
The ICSP programming method is the most direct
method for programming the device. However, it is also
the slower of the two methods. It provides native,
low-level programming capability to erase, program,
and verify the device.
Section 3.0 “Device Programming – ICSP” describes
the ICSP method.
The Enhanced ICSP method is a faster method, which
takes advantage of the programming executive as
illustrated in Figure 2-1. The programming executive
provides the necessary functionality to erase, program
and verify the device through a command set. The com-
mand set allows the programmer to program the
PIC24FXXKAXXX devices without having to deal with
the low-level programming protocols of the device.
Section 4.0 “Device Programming – Enhanced
ICSP”
describes
the
ICSP
method
using
the
programming executive.
FIGURE 2-1:
PROGRAMMING SYSTEM
OVERVIEW FOR ENHANCED
ICSP™ METHOD
2.1
Power Requirements
All devices in the PIC24FXXKAXXX family are
3.3V supply designs. The core, the peripherals and the
I/O pins operate at 3.3V. The device can operate from
1.8V to 3.6V.
2.2
Entering Programming Mode
Overview
There are two methods of entering the Programming
mode (either ICSP or Enhanced ICSP):
• Low-Voltage ICSP Entry
When the MCLR/VPP/RA5 pin is used as MCLR by
applying VSS on MCLR (low-voltage entry), the
device gets reset, and on applying the Program-
ming mode entry sequence on the PGCx and
PGDx pins, the device enters the Programming
mode.
• High-Voltage ICSP Entry
To enter the Programming mode, if the MCLR
function of the MCLR/VPP/RA5 pin needs to be
disabled or is already disabled, a voltage VIHH
should be applied on VPP (high-voltage entry).
This is equivalent to applying VSS on MCLR; the
device gets reset. On applying the Programming
mode entry sequence on PGCx and PGDx pins,
the device enters the Programming mode.
Programmer
Programming
Executive
On-Chip Memory
PIC24FXXKAXXX
PIC24FXXKAXXX Flash Programming Specifications


Similar Part No. - PIC24F16KA102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC24F16KA102-I/ML MICROCHIP-PIC24F16KA102-I/ML Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA102-I/P MICROCHIP-PIC24F16KA102-I/P Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results

Similar Description - PIC24F16KA102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
Flash Programming Specification
2007
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
Flash Programming Specifications
2010
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
Flash Microcontroller Programming Specification
08/04/10 2011
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
Flash memory programming software
logo
STMicroelectronics
AN4035 STMICROELECTRONICS-AN4035 Datasheet
582Kb / 42P
Flash programming through
18-Sep-2013
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
Flash Programming / Reprogramming
Sep-2013
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
ST7 Flash programming
11-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com