Electronic Components Datasheet Search
  English  ▼

X  

2N4029 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N4029
Description  Type 2N4029 Geometry 6700 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4029 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N4029 Datasheet HTML 1Page - Semicoa Semiconductor 2N4029 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N4029
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA, pulsed
Collector-Emitter Breakdown Voltage
IC = 10 mA, pulsed
Emitter-Base Breakdown Voltage
IC = 10 µA, pulsed
Collector-Base Cutoff Current
VCB = 60 V
ICBO1
---
10
nA
VCB = 60 V, TA = +150
oC
ICBO2
---
25
µA
Collector-Emitter Cutoff Current
VCE = 60 V, VBE = 2.0 V
Base-Emitter Cutoff Current
VBE = 3 V
IEBO
---
25
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
80
---
ICEX1
---
25
V(BR)CEO
80
---
V(BR)EBO
5.0
---
ON Characteristics
Symbol
Min
Max
Unit
Forward current Transfer Ratio
IC = 100 µA, VCE = 5 V
hFE1
50
---
---
IC = 100 mA, VCE = 5.0 V (pulse test)
hFE2
100
300
---
IC = 500 mA, VCE = 5 V (pulse test)
hFE3
70
---
---
IC = 1.0 A, VCE = 5 V (pulse test)
hFE4
25
---
---
IC = 500 mA, VCE = 5.0 V (pulse test), TA = -55
oC
hFE5
30
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.15
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
V dc
IC = 1.0 A, IB = 100 mA (pulse test)
VCE(sat)3
---
1.0
V dc
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
---
0.9
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.2
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
CIBO
---
80
pF
pF
COBO
---
20
---
|hfe|
1.5
6.0
Switching Characteristics
Symbol
Min
Max
Unit
Delay Time
IC = 500 mA, IB1 = 50 mA
Rise Time
IC = 500 mA, IB1 = 50 mA
Storage Time
IC = 500 mA, IB1 = IB2 = 50 mA
Fall Time
IC = 500 mA, IB1 = IB2 = 50 mA
tf
---
35
ns
ts
---
175
ns
tr
---
25
ns
ns
td
---
15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com