Electronic Components Datasheet Search
  English  ▼

X  

2N4261 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N4261
Description  Type 2N4261 Geometry 0014 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4261 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N4261 Datasheet HTML 1Page - Semicoa Semiconductor 2N4261 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N4261
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Collector-Emitter Cutoff Current
VCE = 10 V, VEB = 0.4 V
ICEX1
---
50
nA
VCE = 10 V, VEB = 2.0 V
ICEX2
---
5.0
nA
VCE = 10 V, VEB = 2.0 V, TA = +150
oC
ICEX3
---
5.0
µA
Base Cutoff Current
VCE = 10 V, VEB = 2.0 V
Emitter-Base Cutoff Current
VEB = 4.5 V
V(BR)CEO
15
---
V(BR)EBO
4.5
---
µA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
15
---
Emitter-Base Breakdown Voltage
IEBO
---
10
IBEX
---
5.0
ON Characteristics
Symbol
Min
Max
Unit
Forward current Transfer Ratio
IC = 1.0 mA, VCE = 1.0 V
hFE1
25
---
---
IC = 10 mA, VCE = 1.0 V, pulsed
hFE2
30
150
---
IC = 30 mA, VCE = 1.0 V pulsed
hFE3
20
---
---
IC = 10 mA, VCE = 1.0 V, TA = -55
oC
hFE4
15
---
---
Collector-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
VCE(sat)1
---
0.15
V dc
IC = 10 mA, IB = 1.0 mA
VCE(sat)2
---
0.35
V dc
Base-Emitter Saturation Voltage
VCE = 1.0 V, IC = 1.0 mA
VBE1
---
0.8
V dc
VCE = 1.0 V, IC = 10 mA
VBE2
---
1.0
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 4.0 V, IC = 5.0 mA, f = 100 MHz
|hfe1|
15
---
---
VCE = 10 V, IC = 10 mA, f = 100 MHz
|hfe2|
20
---
---
Open Circuit Output Capacitance
VCB = 4.0 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
CIBO
---
2.5
pF
pF
COBO
---
2.5
Switching Characteristics
Symbol
Min
Max
Unit
Collector-Base Time Constant
VCE = 4.0 V, IC = 5.0 mA, f = 31.8 MHz
Collector-Base Time Constant
VCE = 4.0 V, IC = 10 mA, f = 31.8 MHz
Saturated Turn On Switching Time to 90%
VCC = 17 V, 50 ohm pulse generator
Saturated Turn Off Switching Time to 10%
VCC = 17 V, 50 ohm pulse generator
tOFF
---
3.5
ns
tON
---
2.5
ns
r'b'CC2
---
50
ps
ps
r'b'CC1
---
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com