Electronic Components Datasheet Search
  English  ▼

X  

DS3231MZ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3231MZ
Description  5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231MZ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3231MZ Datasheet HTML 1Page - Maxim Integrated Products DS3231MZ Datasheet HTML 2Page - Maxim Integrated Products DS3231MZ Datasheet HTML 3Page - Maxim Integrated Products DS3231MZ Datasheet HTML 4Page - Maxim Integrated Products DS3231MZ Datasheet HTML 5Page - Maxim Integrated Products DS3231MZ Datasheet HTML 6Page - Maxim Integrated Products DS3231MZ Datasheet HTML 7Page - Maxim Integrated Products DS3231MZ Datasheet HTML 8Page - Maxim Integrated Products DS3231MZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
±5ppm, I2C Real-Time Clock
19-5312; Rev 1; 5/11
+Denotes a lead(Pb)-free/RoHS-compliant package.
*Future product—contact factory for availability.
Typical Operating Circuit
General Description
The DS3231M is a low-cost, extremely accurate, I2C
real-time clock (RTC). The device incorporates a battery
input and maintains accurate timekeeping when main
power to the device is interrupted. The integration of
the microelectromechanical systems (MEMS) resona-
tor enhances the long-term accuracy of the device and
reduces the piece-part count in a manufacturing line.
The DS3231M is available in the same footprint as the
popular DS3231 RTC.
The RTC maintains seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. Two programmable time-of-
day alarms and a 1Hz output are provided. Address and
data are transferred serially through an I2C bidirectional
bus. A precision temperature-compensated voltage
reference and comparator circuit monitors the status of
VCC to detect power failures, to provide a reset output,
and to automatically switch to the backup supply when
necessary. Additionally, the RST pin is monitored as a
pushbutton input for generating a microprocessor reset.
See the Block Diagram for more details.
Applications
Power Meters
Industrial Applications
Ordering Information
Features
S
Timekeeping Accuracy Q5ppm (Q0.432 Second/
Day) from -40NC to +85NC
S
Battery Backup for Continuous Timekeeping
S
Low Power Consumption
S
Footprint and Functionally Compatible to DS3231
S
Complete Clock Calendar Functionality Including
Seconds, Minutes, Hours, Day, Date, Month, and
Year with Leap Year Compensation Up to Year
2100
S
Two Time-of-Day Alarms
S
1Hz and 32.768kHz Outputs
S
Reset Output and Pushbutton Input with
Debounce
S
Fast (400kHz) I2C-Compatible Serial Bus
S
+2.3V to +5.5V Supply Voltage
S
Digital Temp Sensor with Q3NC Accuracy
S
-40NC to +85NC Temperature Range
S
8-Pin or 16-Pin SO (300 mils) Packages
S
Underwriters Laboratories (UL) Recognized
DS3231M
SCL
SDA
32KHZ
VBAT
INT/SQW
RST
+3.3V
+3.3V
CPU
I/O PORT
INTERRUPTS
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
PART
TEMP RANGE
PIN-PACKAGE
DS3231MZ+*
-40NC to +85NC
8 SO
DS3231M+
-40NC to +85NC
16 SO


Similar Part No. - DS3231MZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MZ+ MAXIM-DS3231MZ+ Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231MZ+ MAXIM-DS3231MZ+ Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231MZ+ MAXIM-DS3231MZ+ Datasheet
897Kb / 20P
±5ppm, I2C Real-Time Clock
Rev 7; 3/15
DS3231MZ+TRL MAXIM-DS3231MZ+TRL Datasheet
897Kb / 20P
±5ppm, I2C Real-Time Clock
Rev 7; 3/15
DS3231MZ/V+ MAXIM-DS3231MZ/V+ Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results

Similar Description - DS3231MZ

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
Maxim Integrated Produc...
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
logo
Cymbet Corporation
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com