Electronic Components Datasheet Search
  English  ▼

X  

KRA101 Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KRA101
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA101 Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KRA101 Datasheet HTML 1Page - KEC(Korea Electronics) KRA101 Datasheet HTML 2Page - KEC(Korea Electronics) KRA101 Datasheet HTML 3Page - KEC(Korea Electronics) KRA101 Datasheet HTML 4Page - KEC(Korea Electronics) KRA101 Datasheet HTML 5Page - KEC(Korea Electronics) KRA101 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2011. 6. 14
6/6
KRA101~KRA106
Revision No : 1
V =-5V
100
-1
30
10
50
500
300
KRA103
O
-30
-3
-10
-3
-1
5
10
30
50
100
300
V =-5V
KRA102
O
-10
-30
-100
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=100 C
OUTPUT CURRENT I
(mA)
-3
-1
5
10
30
50
-10
O
-30
OUTPUT CURRENT I
(mA)
O
100
300
V =-5V
KRA101
O
G - I
I
O
G - I
I
O
OUTPUT CURRENT I
(mA)
O
G - I
I
O
OUTPUT CURRENT I
(mA)
O
G - I
I
O
OUTPUT CURRENT I
(mA)
O
G - I
I
O
OUTPUT CURRENT I
(mA)
O
G - I
I
O
-100
-100
Ta=100 C
Ta=25 C
Ta=-25 C
30
-3
10
-1
-10
-30
-100
50
100
300
500
V =-5V
KRA104
O
Ta=25 C
Ta=-25 C
Ta=100 C
30
-3
10
-1
-10
-30
-100
50
100
300
500
V =-5V
KRA105
O
Ta=25 C
Ta=-25 C
Ta=100 C
30
-3
10
-1
-10
-30
-100
50
100
500
300
KRA106
V =-5V
O
Ta=-25 C
Ta=25 C
Ta=100 C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com